Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3208TL/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3208TL/NOPB
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3208TL/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM3208TL/NOPB Datasheet HTML 1Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 2Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 3Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 4Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 5Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 6Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 7Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 8Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LM3208
SNVS404B – APRIL 2006 – REVISED MARCH 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (2) (3)
Limits in standard typeface are for TA = TJ = 25°C. Limits in boldface type apply over the full operating ambient temperature
range (
−30°C ≤ TA = TJ ≤ +85°C). Unless otherwise noted, all specifications apply to the LM3208 with: PVIN = VDD = EN =
3.6V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VFB, MIN
Feedback Voltage at minimum
VCON = 0.32V
(3)
0.75
0.80
0.85
V
setting
VFB, MAX
Feedback Voltage at maximum
VCON = 1.44V, VIN = 4.2V
(3)
3.537
3.600
3.683
V
setting
ISHDN
Shutdown supply current
EN = SW = VCON = 0V,
(4)
0.01
2
µA
IQ
DC bias current into VDD
VCON = 0V, FB = 0V,
0.6
0.7
mA
No Switching(5)
RDSON(P)
Pin-pin resistance for Large PFET
ISW = 200mA, VCON = 0.5V
180
140
m
Ω
210
RDSON(P)
Pin-pin resistance for Small PFET
ISW = 200mA, VCON = 0.32V
960
m
Ω
RDSON(N)
Pin-pin resistance for NFET
ISW = –200mA, VCON = 0.5V
375
300
m
Ω
450
ILIM
Large PFET (L) Switch peak current
VCON = 0.5V
(6)
985
1100
1200
mA
(L_PFET)
limit
ILIM
Small PFET (S) Switch peak current
VCON = 0.32V
(6)
650
800
900
mA
(S_PFET)
limit
FOSC
Internal oscillator frequency
1.8
2.0
2.2
MHz
VIH,EN
Logic high input threshold
1.2
V
VIL,EN
Logic low input threshold
0.5
V
IPIN,EN
EN pin pull down current
5
10
µA
VCON,ON
VCON Threshold for turning on
0.15
V
switches
ICON
VCON pin leakage current
VCON = 1.0V
±1
µA
Gain
VCON to VOUT Gain
0.32V
≤ VCON ≤ 1.44V
2.5
V/V
(1)
All voltages are with respect to the potential at the GND pins. The LM3208 is designed for mobile phone applications where turn-on after
power-up is controlled by the system controller and where requirements for a small package size overrule increased die size for internal
Under Voltage Lock-Out (UVLO) circuitry. Thus, it should be kept in shutdown by holding the EN pin low until the input voltage exceeds
2.7V.
(2)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers are not specified, but do represent the most
likely norm. Due to the pulsed nature of the testing TA = TJ for the electrical characteristics table.
(3)
The parameters in the electrical characteristics table are tested under open loop conditions at PVIN = VDD = 3.6V unless otherwise
specified. For performance over the input voltage range and closed-loop results, refer to the datasheet curves.
(4)
Shutdown current includes leakage current of PFET.
(5)
IQ specified here is when the part is not switching. For operating quiescent current at no load, refer to datasheet curves.
(6)
Current limit is built-in, fixed, and not adjustable. Electrical Characteristic table reflects open loop data (FB = 0V and current drawn from
SW pin ramped up until cycle by cycle limit is activated). Refer to SYSTEM CHARACTERISTICS table for maximum output current.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com