Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3208TL/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3208TL/NOPB
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3208TL/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3208TL/NOPB Datasheet HTML 3Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 4Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 5Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 6Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 7Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 8Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 9Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 10Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
0
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5
OUTPUT VOLTAGE (V)
76
80
84
88
92
96
100
RLOAD = 5:
RLOAD = 10:
RLOAD = 15:
4.0 4.5
0.0
0.4
0.8
1.2
1.6
VCON VOLTAGE (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TA = -30ºC, 25ºC, 85ºC
VIN = 3.6V, 4.2V, 4.7V, 5.5V
0.0
0.1
0.2
0.3
0.4
VCON VOLTAGE (V)
0.0
0.2
0.4
0.6
0.8
1.0
VIN = 5.5V
VIN = 4.7V
VIN = 4.2V
VIN = 3.6V
LM3208
www.ti.com
SNVS404B – APRIL 2006 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
(Circuit in Figure 35, PVIN = VDD = EN = 3.6V and TA = 25°C unless otherwise specified.).
Current Limit
Current Limit
vs
vs
Temperature
Temperature
(Large PFET)
(Small PFET)
Figure 9.
Figure 10.
VCON Voltage
VCON Voltage
vs
vs
Output Voltage
Output Voltage
(RLOAD = 10 Ω)
(RLOAD = 10 Ω)
Figure 11.
Figure 12.
Efficiency
vs
EN High Threshold
Output Voltage
vs
(VIN = 3.9V)
Supply Voltage
Figure 13.
Figure 14.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com