Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3208TL/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM3208TL/NOPB
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3208TL/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3208TL/NOPB Datasheet HTML 6Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 7Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 8Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 9Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 10Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 11Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 12Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 13Page - Texas Instruments LM3208TL/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
LM3208
SNVS404B – APRIL 2006 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
(Circuit in Figure 35, PVIN = VDD = EN = 3.6V and TA = 25°C unless otherwise specified.).
Shutdown Response
Line Transient Reponse
(VIN = 4.2V, VOUT = 3.4V, RLOAD = 10Ω)
(VIN = 3.0V to 3.6V, IOUT = 100mA)
Figure 27.
Figure 28.
VCON Transient Response
Timed Current Limit Response
(VIN = 4.2V, VCON = 0.32V/1.44V, RLOAD = 10Ω)
(VIN = 3.6V)
Figure 29.
Figure 30.
Output Voltage Ripple
(VOUT = 1.3V)
Figure 31.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com