Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1741E/2K Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1741E/2K
Description  DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1741E/2K Datasheet(HTML) 5 Page - Texas Instruments

  PCM1741E/2K Datasheet HTML 1Page - Texas Instruments PCM1741E/2K Datasheet HTML 2Page - Texas Instruments PCM1741E/2K Datasheet HTML 3Page - Texas Instruments PCM1741E/2K Datasheet HTML 4Page - Texas Instruments PCM1741E/2K Datasheet HTML 5Page - Texas Instruments PCM1741E/2K Datasheet HTML 6Page - Texas Instruments PCM1741E/2K Datasheet HTML 7Page - Texas Instruments PCM1741E/2K Datasheet HTML 8Page - Texas Instruments PCM1741E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
PCM1741
5
SBAS175
TYPICAL PERFORMANCE CURVES
All specifications at TA = +25°C, VCC = VDD = 3.3V, system clock = 384fS (fS = 44.1kHz), and 24-bit input data, unless otherwise noted.
DIGITAL FILTER
Digital Filter (De-Emphasis Off
5
4
3
2
1
0
–1
–2
–3
–4
–5
TRANSITION CHARACTERISTICS (Slow Roll-Off)
0
0.1
0.2
0.3
0.4
0.5
Frequency (x f
S)
0
–20
–40
–60
–80
–100
–120
–140
FREQUENCY RESPONSE (Sharp Roll-Off)
01
2
3
4
Frequency (x f
S)
0.05
0.04
0.03
0.02
0.01
0
–0.01
–0.02
–0.03
–0.04
–0.05
FREQUENCY RESPONSE PASSBAND
(Sharp Roll-Off)
0
0.1
0.2
0.3
0.4
0.5
Frequency (x f
S)
0
–20
–40
–60
–80
–100
–120
–140
FREQUENCY RESPONSE (Slow Roll-Off)
01
2
3
4
Frequency (x f
S)
De-Emphasis
0.0
–1.0
–2.0
–3.0
–4.0
–5.0
–6.0
–7.0
–8.0
–9.0
–10.0
DE-EMPHASIS (f
S = 32kHz)
0
2468
10
12
14
Frequency (kHz)
0.5
0.4
0.3
0.2
0.1
0.0
–0.1
–0.2
–0.3
–0.4
–0.5
DE-EMPHASIS ERROR (f
S = 32kHz)
0
2468
10
12
14
Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com