Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1741E/2K Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1741E/2K
Description  DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1741E/2K Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM1741E/2K Datasheet HTML 8Page - Texas Instruments PCM1741E/2K Datasheet HTML 9Page - Texas Instruments PCM1741E/2K Datasheet HTML 10Page - Texas Instruments PCM1741E/2K Datasheet HTML 11Page - Texas Instruments PCM1741E/2K Datasheet HTML 12Page - Texas Instruments PCM1741E/2K Datasheet HTML 13Page - Texas Instruments PCM1741E/2K Datasheet HTML 14Page - Texas Instruments PCM1741E/2K Datasheet HTML 15Page - Texas Instruments PCM1741E/2K Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
PCM1741
12
SBAS175
REGISTER DEFINITIONS
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 16
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT17
AT16
AT15
AT14
AT13
AT12
AT11
AT10
Register 17
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AT27
AT26
AT25
AT24
AT23
AT22
AT21
AT20
ATx[7:0]
Digital Attenuation Level Setting
where x = 1 or 2, corresponding to the DAC output VOUTL (x = 1) and VOUTR (x = 2).
Default Value: 1111 1111B
Each DAC channel (VOUTL and VOUTR) includes a digital attenuator function. The attenuation level may be
set from 0dB to –63dB, in 0.5dB steps. Changes in attentuator levels are made by incrementing or
decrementing, by one step (0.5dB), for every 8/fS time interval until the programmed attenuator setting is
reached. Alternatively, the attenuator level may be set to infinite attenuation (or mute). The attenuation data
for each channel can be set individually.
The attenuation level may be set using the formula below.
Attenuation Level (dB) = 0.5 (ATx[7:0]DEC – 255)
where: ATx[7:0]DEC = 0 through 255
for: ATx[7:0]DEC = 0 through 128, the attenuator is set to infinite attenuation.
The following table shows attenuator levels for various settings.
ATx[7:0]
Decimal Value
Attenuator Level Setting
1111 1111B
255
0dB, No Attenuation (default)
1111 1110B
254
–0.5dB
1111 1101B
253
–1.0dB
1000 0011B
131
–62.0dB
1000 0010B
130
–62.5dB
1000 0001B
129
–63.0dB
1000 0000B
128
Mute
••
•
••
•
••
•
0000 0000B
0
Mute
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 18
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
OVER
RSV
RSV
RSV
RSV
MUT2
MUT1
MUTx
Soft Mute Control
Where x = 1 or 2, corresponding to the DAC output VOUTL (x = 1) and VOUTR (x = 2).
Default Value: 0
MUTx = 0
Mute Disabled (default)
MUTx = 1
Mute Enabled
The mute bits, MUT1 and MUT2, are used to enable or disable the Soft Mute function for the corresponding
DAC outputs, VOUTL and VOUTR. The Soft Mute function is incorporated into the digital attenuators. When
Mute is disabled (MUTx = 0), the attenuator and DAC operate normally. When Mute is enabled by setting
MUTx = 1, the digital attenuator for the corresponding output will be decreased from the current setting to
the infinite attenuation setting, one attenuator step (0.5dB) at a time. This provides a “pop”-free muting of the
DAC output. By setting MUTx = 0, the attenuator will be increased one step at a time to a previously
programmed attenuation level.
OVER
Oversampling Rate Control
Default Value: 0
OVER = 0
64x Oversampling (default)
OVER = 1
128x Oversampling
The OVER bit is used to control the oversampling rate of the delta-sigma DACs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com