Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1741E/2K Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1741E/2K
Description  DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1741E/2K Datasheet(HTML) 1 Page - Texas Instruments

  PCM1741E/2K Datasheet HTML 1Page - Texas Instruments PCM1741E/2K Datasheet HTML 2Page - Texas Instruments PCM1741E/2K Datasheet HTML 3Page - Texas Instruments PCM1741E/2K Datasheet HTML 4Page - Texas Instruments PCM1741E/2K Datasheet HTML 5Page - Texas Instruments PCM1741E/2K Datasheet HTML 6Page - Texas Instruments PCM1741E/2K Datasheet HTML 7Page - Texas Instruments PCM1741E/2K Datasheet HTML 8Page - Texas Instruments PCM1741E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
+3.3V Single-Supply, 24-Bit, 96kHz Sampling
Enhanced Multilevel, Delta-Sigma, Audio
DIGITAL-TO-ANALOG CONVERTER
PCM1741
DESCRIPTION
The PCM1741 is a CMOS, monolithic, integrated circuit
which includes stereo Digital-to-Analog Converters
(DACs) and support circuitry in a small SSOP-16 package.
The data converters utilize Texas Instrument’s enhanced
multilevel delta-sigma architecture that employs fourth-
order noise shaping and 8-level amplitude quantization to
achieve excellent dynamic performance and improved toler-
ance to clock jitter. The PCM1741 accepts industry standard
audio data formats with 16- to 24-bit data, providing easy
interfacing to audio DSP and decoder chips. Sampling rates
up to 100kHz are supported. A full set of user-program-
mable functions are accessible through a 3-wire serial
control port that supports register write functions.
FEATURES
q 24-BIT RESOLUTION
q ANALOG PERFORMANCE (V
CC = +3.3V):
Dynamic Range: 98dB typ
SNR: 98dB typ
THD+N: 0.005% typ
Full-Scale Output: 2.05Vp-p typ
q 8x OVERSAMPLING DIGITAL FILTER:
Stopband Attenuation: –55dB
Passband Ripple:
±0.03dB
q SAMPLING FREQUENCY: 5kHz to 100kHz
q SYSTEM CLOCK: 256, 384, 512, 768f
S with
Auto Detect
q ACCEPTS 16-, 18-, 20-, AND 24-BIT AUDIO
DATA
q DATA FORMATS: Standard, I2S, and Left-
Justified
q USER-PROGRAMMABLE MODE CONTROLS:
Digital Attenuation: 0dB to –63dB, 0.5dB/Step
Digital De-Emphasis
Digital Filter Roll-Off: Sharp or Slow
Soft Mute
Zero Flags for Each Output
q 3.3V SINGLE POWER SUPPLY
q 5V TOLERANT DIGITAL INPUTS
q SMALL SSOP-16 PACKAGE
www.ti.com
Copyright © 2000, Texas Instruments Incorporated
SBAS175
Printed in U.S.A. December, 2000
APPLICATIONS
q AV RECEIVERS
q DVD MOVIE PLAYERS
q DVD ADD-ON CARDS FOR HIGH-END PCs
q HDTV RECEIVERS
q CAR AUDIO SYSTEMS
q OTHER APPLICATIONS REQUIRING 24-BIT
AUDIO
PCM
174
1


Similar Part No. - PCM1741E/2K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1741E/2K TI2-PCM1741E/2K Datasheet
397Kb / 24P
3.3V Single-Supply, 24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
23-May-2025
PCM1741E/2K.B TI2-PCM1741E/2K.B Datasheet
397Kb / 24P
3.3V Single-Supply, 24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
23-May-2025
More results

Similar Description - PCM1741E/2K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
ANALOG-TO-DIGITAL CONVERTER
TL507 TI1-TL507 Datasheet
118Kb / 7P
ANALOG-TO-DIGITAL CONVERTER
ADS7804 TI1-ADS7804 Datasheet
940Kb / 19P
ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
ANALOG-TO-DIGITAL CONVERTER
ADS7818 TI1-ADS7818_13 Datasheet
668Kb / 21P
ANALOG-TO-DIGITAL CONVERTER
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
ANALOG-to-DIGITAL CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com