Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1741E/2K Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1741E/2K
Description  DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1741E/2K Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM1741E/2K Datasheet HTML 5Page - Texas Instruments PCM1741E/2K Datasheet HTML 6Page - Texas Instruments PCM1741E/2K Datasheet HTML 7Page - Texas Instruments PCM1741E/2K Datasheet HTML 8Page - Texas Instruments PCM1741E/2K Datasheet HTML 9Page - Texas Instruments PCM1741E/2K Datasheet HTML 10Page - Texas Instruments PCM1741E/2K Datasheet HTML 11Page - Texas Instruments PCM1741E/2K Datasheet HTML 12Page - Texas Instruments PCM1741E/2K Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
PCM1741
9
SBAS175
FIGURE 3. Audio Data Input Formats.
AUDIO SERIAL INTERFACE
The audio serial interface for the PCM1741 is comprised of
a 3-wire synchronous serial port. It includes LRCK (pin 3),
BCK (pin 1), and DATA (pin 2). BCK is the serial audio bit
clock, and is used to clock the serial data present on DATA
into the audio interface’s serial shift register. Serial data is
clocked into the PCM1741 on the rising edge of BCK.
LRCK is the serial audio left/right word clock used to latch
serial data into the serial audio interface’s internal registers.
Both LRCK and BCK should be synchronous to the
system clock. Ideally, it is recommended that LRCK and
BCK be derived from the system clock input, SCK. LRCK
is operated at the sampling frequency, fS. BCK may be
operated at 32, 48, or 64 times the sampling frequency (I2S
format except BCK = 32fS). Internal operation of the
PCM1741 is synchronized with LRCK. Accordingly, it is
held when the sampling rate clock of LRCK is changed or
SCK and/or BCK is broken at least for one clock cycle. If
SCK, BCK, and LRCK are provided continuously after this
hold condition, the internal operation will be resynchronized
automatically, less than 3/fS period. In this resynchronize
period, and following 3/fS, analog output is forced to the
bipolar zero level, or VCC/2. External resetting is not required.
AUDIO DATA FORMATS AND TIMING
The PCM1741 supports industry-standard audio data formats,
including Standard, I2S, and Left-Justified, as shown in
Figure 3. Data formats are selected using the format bits,
FMT[2:0], in Control Register 20. The default data format is
24-bit left justified. All formats require Binary Two’s Comple-
ment, MSB-first audio data. See Figure 4 for a detailed timing
diagram of the serial audio interface.
1/f
S
L-Channel
R-Channel
LRCK
BCK
(= 48 or 64f
S)
18-Bit Right-Justified
DATA
DATA
(2) I
2S Data Format: L-Channel = LOW, R-Channel = HIGH
(3) Left-Justified Data Format: L-Channel = HIGH, R-Channel = LOW
(1) Standard Data Format: L-Channel = HIGH, R-Channel = LOW
1/f
S
L-Channel
R-Channel
LRCK
BCK
(= 32, 48 or 64f
S)
1
2
3
N-2 N-1 N
1
2
1
2
3
N-2 N-1 N
1/f
S
L-Channel
R-Channel
LRCK
BCK
(= 32, 48 or 64f
S)
2
1
1
2
3
N-2 N-1 N
1
2
3
N-2 N-1 N
14 15 16
16 17 18
18 19 20
14 15 16
12
3
DATA
22 23 24
22 23 24
12
3
DATA
18 19 20
1
23
DATA
16 17 18
1
23
DATA
24-Bit Right-Justified
14 15 16
12
3
22 23 24
12
3
18 19 20
1
23
17 18
1
2
20-Bit Right-Justified
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
14 15 16
14 15 16
12
3
DATA
16-Bit Right-Justified, BCK = 32f
S
14 15 16
12
3
LSB
MSB
LSB
MSB
16-Bit Right-Justified, BCK = 48f
S or 64fS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com