Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1741E/2K Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1741E/2K
Description  DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1741E/2K Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1741E/2K Datasheet HTML 2Page - Texas Instruments PCM1741E/2K Datasheet HTML 3Page - Texas Instruments PCM1741E/2K Datasheet HTML 4Page - Texas Instruments PCM1741E/2K Datasheet HTML 5Page - Texas Instruments PCM1741E/2K Datasheet HTML 6Page - Texas Instruments PCM1741E/2K Datasheet HTML 7Page - Texas Instruments PCM1741E/2K Datasheet HTML 8Page - Texas Instruments PCM1741E/2K Datasheet HTML 9Page - Texas Instruments PCM1741E/2K Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
PCM1741
6
SBAS175
TYPICAL PERFORMANCE CURVES (Cont.)
All specifications at TA = +25°C, VCC = VDD = 3.3V, system clock = 384fS (fS = 44.1kHz), and 24-bit input data, unless otherwise noted.
De-Emphasis (Cont.)
0.0
–1.0
–2.0
–3.0
–4.0
–5.0
–6.0
–7.0
–8.0
–9.0
–10.0
DE-EMPHASIS (f
S = 44.1kHz)
02
46
8
10
12
14
16
18
20
Frequency (kHz)
0.5
0.4
0.3
0.2
0.1
0.0
–0.1
–0.2
–0.3
–0.4
–0.5
DE-EMPHASIS ERROR (f
S = 44.1kHz)
02
46
8
10
12
14
16
18
20
Frequency (kHz)
0.0
–1.0
–2.0
–3.0
–4.0
–5.0
–6.0
–7.0
–8.0
–9.0
–10.0
DE-EMPHASIS (f
S = 48kHz)
02
46
8
10
12
14
16
18
22
Frequency (kHz)
0.5
0.4
0.3
0.2
0.1
0.0
–0.1
–0.2
–0.3
–0.4
–0.5
DE-EMPHASIS ERROR (f
S = 48kHz)
02
46
8
10
12
14
16
18
22
Frequency (kHz)
ANALOG DYNAMIC PERFORMANCE
All specifications at TA = +25°C, VCC = 5.0V, VDD = 3.3V, and 24-bit input data, unless otherwise noted.
Supply-Voltage Characteristics
10
1
0.1
0.01
0.001
THD+N vs V
CC
2.4
2.7
3
3.6
3.3
3.9
V
CC (V)
–60dB/96kHz, 384f
S
–60dB/44.1kHz, 384f
S
0dB/96kHz, 384f
S
0dB/44.1kHz, 384f
S
106
104
102
100
98
96
94
92
90
88
86
DYNAMIC RANGE vs V
CC
2.4
2.7
3
3.3
3.6
3.9
V
CC (V)
44.1kHz, 384f
S
96kHz, 384f
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com