Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7697B Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV7697B
Description  Scan Driver for Plasma Display Panels
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7697B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV7697B Datasheet HTML 3Page - STMicroelectronics STV7697B Datasheet HTML 4Page - STMicroelectronics STV7697B Datasheet HTML 5Page - STMicroelectronics STV7697B Datasheet HTML 6Page - STMicroelectronics STV7697B Datasheet HTML 7Page - STMicroelectronics STV7697B Datasheet HTML 8Page - STMicroelectronics STV7697B Datasheet HTML 9Page - STMicroelectronics STV7697B Datasheet HTML 10Page - STMicroelectronics STV7697B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7/18
STV7697B
Circuit Description
2
Circuit Description
The STV7697B includes all the necessary logic and power circuits to drive the rows of electrodes of
a plasma display panel (PDP). The state of the displayed line is loaded into the shift register. Data
is shifted at each low to high transition of the (CLK) shift clock. After 64 shifts, the first bit presented
at the serial input (SIN) is available at the serial output (SOUT). This output is used to cascade
several drivers to perform any vertical resolution (Table 5). Inputs CLK, STB, SIN and SOUT are
Schmitt trigger inputs.
The forward / reverse (F/R) input is used to select the direction of the shift register where data input/
output status is set according to the selected direction. In Reverse mode (F/R = low), data is input
on the SOUT pin and output on the SIN pin.
The maximum frequency of the shift clock is 8 MHz.
The clear signal (CLR) resets the shift register data to 0 when it is pulled to a high level.
Shift register outputs (P1, ... P64) are transferred from the shift register to the latch stage when the
latch input (STB) is at low level.
Figure 2:
STV7697B Block Diagram
Table 5: Shift Register Truth Table
F/R
CLK
SIN
SOUT
Comments
H
Rise
In
Out
Forward Shift
H
L or H
In
Out
Steady
L
Rise
Out
In
Reverse Shift
L
L or H
Out
In
Steady
F/R
64-bit Shift Register
P1
P64
SOUT
SIN (SOUT)
STB
BLK
POL
OUT1
OUT64
STV7697B
CLK
Latch
Q1
Q64
Q2
Q63
S64
S1
VPP1
VSSP1
VCC
VSSLOG
VSSSUB
VSSP2
VPP2
VPP1
VSSP1
CLR
VPP2
VSSP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com