Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7697B Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV7697B
Description  Scan Driver for Plasma Display Panels
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7697B Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV7697B Datasheet HTML 5Page - STMicroelectronics STV7697B Datasheet HTML 6Page - STMicroelectronics STV7697B Datasheet HTML 7Page - STMicroelectronics STV7697B Datasheet HTML 8Page - STMicroelectronics STV7697B Datasheet HTML 9Page - STMicroelectronics STV7697B Datasheet HTML 10Page - STMicroelectronics STV7697B Datasheet HTML 11Page - STMicroelectronics STV7697B Datasheet HTML 12Page - STMicroelectronics STV7697B Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9/18
STV7697B
Electrical Characteristics
3
Electrical Characteristics
3.1
Absolute Maximum Ratings
Note:1. Through one power output.
2. Through one power output with VPP = VSSP (See Figure 4.)
3. These parameters are measured during ST’s internal qualification which includes temperature
characterization on standard batches and on corners batches of the process. These parameters are
not tested on the parts.
3.2
Thermal Data
Note:1. TQFP soldered on 4-layer printed circuit board.
Symbol
Parameter
Value
Units
VCC
Logic Supply
−0.3, +7
V
VPP
Driver Supply
−0.3, +170
V
VIN
Logic Input Voltage
−0.3, V
CC +0.3
V
VOUT
Logic Output Voltage
−0.3, V
CC + 0.3
V
VPOUT
Driver Output Voltage (Scanning mode)
−0.3, V
PP
V
IPOUT
Driver Output Current (See Note 1 and Note 3)
−250, +800
mA
IDOUT
Diode Output Current (See Note 2 and Note 3)
±1.2
A
IL
Latch-up Susceptibility
±200
mA
TJMAX
Junction Temperature
+125
°C
TOPER
Operating Temperature
−20, +85
°C
TSTG
Storage Temperature
−50, +150
°C
Symbol
Parameter
Value
Units
TJOPER
Maximum Operating Junction
125
°C
RthJA
Junction-ambient Thermal Resistance (See Note 1)40
°C/W
POPER
Operating Power Dissipation (TOPER = 25° C)
2W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com