Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7697B Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV7697B
Description  Scan Driver for Plasma Display Panels
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7697B Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV7697B Datasheet HTML 6Page - STMicroelectronics STV7697B Datasheet HTML 7Page - STMicroelectronics STV7697B Datasheet HTML 8Page - STMicroelectronics STV7697B Datasheet HTML 9Page - STMicroelectronics STV7697B Datasheet HTML 10Page - STMicroelectronics STV7697B Datasheet HTML 11Page - STMicroelectronics STV7697B Datasheet HTML 12Page - STMicroelectronics STV7697B Datasheet HTML 13Page - STMicroelectronics STV7697B Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Electrical Characteristics
STV7697B
10/18
3.3
Supply Characteristics
(VCC = 5 V, VPP = 160 V, VSSP = 0 V, VSSLOG = VSSSUB = 0 V, TAMB = 25°C and fCLK = 8 MHz,
unless otherwise specified)
3.4
Power Output Characteristics
Note:1. These parameters are measured during ST’s internal qualification which includes temperature
characterization on standard batches and on corners batches of the process. These parameters are
not tested on the parts.
2. Peak current: pulse mode 720 Hz, 200ns pulse width, VCC=5 V.
3. Compatible with power dissipation (see Figure 4: Test Configuration).
4. The typical value increases when more than one output is activated.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VCC
Logic Supply Voltage
4.5
5
5.5
V
ICCH
Logic Supply Current (all inputs high)
100
µA
ICCL
Logic Supply Current
fCLK = 8 MHz, SIN =1010
5.8
mA
VPP
Power Output Supply Voltage
15
160
V
IPPH
Power Output Supply Current (steady outputs)
100
µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VPOUTH
Power Output High Level
(voltage drop versus VPP, VPP=90V)
IPOUTH = - 10 mA
IPOUTH = - 40 mA
5
10
3
5
V
IPOUTH-peak Power Output Peak Current (See Note 1)
VPP =130V
-200
mA
VPOUTL
Power Output Low Level
IPOUTL = 200 mA
2.6
5
V
IPOUTL-peak Power Output Peak Current (See Note 2)
VPOUTL = 30V
VCC =5V
650
mA
VDOUTH1
Output Diode High Level (See Note 3 and Note 4) IDOUTH = +400 mA
23
V
VDOUTL1
Output Diode Low Level (See Note 3 and Note 4)
IDOUTL = - 400 mA
-2.5
-1.3
V
VDOUTH2
Output Diode High Level (See Note 3)
IDOUTH = +1000 mA
3.5
5
V
VDOUTL2
Output Diode Low Level (See Note 3)
IDOUTL = - 1000 mA
-3.5
-2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com