Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7697B Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV7697B
Description  Scan Driver for Plasma Display Panels
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7697B Datasheet(HTML) 4 Page - STMicroelectronics

  STV7697B Datasheet HTML 1Page - STMicroelectronics STV7697B Datasheet HTML 2Page - STMicroelectronics STV7697B Datasheet HTML 3Page - STMicroelectronics STV7697B Datasheet HTML 4Page - STMicroelectronics STV7697B Datasheet HTML 5Page - STMicroelectronics STV7697B Datasheet HTML 6Page - STMicroelectronics STV7697B Datasheet HTML 7Page - STMicroelectronics STV7697B Datasheet HTML 8Page - STMicroelectronics STV7697B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Pin Allocation and Descriptions
STV7697B
4/18
Table 1: Supply Pins
Pin No.
Pin Name
Pin Description
88
VCC
5V Logic Supply
34
VPP1
High Voltage Supply for Power Outputs
35
VPP1
High Voltage Supply for Power Outputs
41
VPP2
High Voltage Supply for Power Outputs
42
VPP2
High Voltage Supply for Power Outputs
78
VPP2
High Voltage Supply for Power Outputs
79
VPP2
High Voltage Supply for Power Outputs
97
VPP1
High Voltage Supply for Power Outputs
98
VPP1
High Voltage Supply for Power Outputs
83
VSSLOG
Logic Ground
93
VSSLOG
Logic Ground
30
VSSP1
Ground for Power Outputs
31
VSSP1
Ground for Power Outputs
32
VSSP1
Ground for Power Outputs
45
VSSP2
Ground for Power Outputs
46
VSSP2
Ground for Power Outputs
81
VSSP2
Ground for Power Outputs
82
VSSP2
Ground for Power Outputs
94
VSSP1
Ground for Power Outputs
95
VSSP1
Ground for Power Outputs
44
VSSSUB
Substrate Ground
Table 2: Shift Register and Input Pins
Pin No.
Pin Name
Pin Description
85
SOUT
Shift Register Data Output
86
CLK
Clock for Shift Register Data
87
STB
Latch for Shift Register Data (Strobe Input)
89
BLK
Blanking Control for Power Outputs
90
POL
Polarity Selection
91
SIN
Shift Register Data Input
92
CLR
Clear for Shift Register Data
84
F/R
Forward/Reserve modes for selecting Shift Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com