Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7697B Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV7697B
Description  Scan Driver for Plasma Display Panels
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7697B Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV7697B Datasheet HTML 10Page - STMicroelectronics STV7697B Datasheet HTML 11Page - STMicroelectronics STV7697B Datasheet HTML 12Page - STMicroelectronics STV7697B Datasheet HTML 13Page - STMicroelectronics STV7697B Datasheet HTML 14Page - STMicroelectronics STV7697B Datasheet HTML 15Page - STMicroelectronics STV7697B Datasheet HTML 16Page - STMicroelectronics STV7697B Datasheet HTML 17Page - STMicroelectronics STV7697B Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Package Mechanical Data
STV7697B
16/18
5
Package Mechanical Data
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.60
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
B
0.17
0.22
0.27
0.007
0.009
0.011
C
0.09
0.20
0.004
0.008
D
16.00
0.630
D1
14.00
0.551
D3
12.00
0.472
e
0.50
0.20
E
16.00
0.630
E1
14.00
0.551
E3
12.00
0.472
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
K
0° (Min.), 7° (Max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com