Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39006/21 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # M39006/21
Description  Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M39006/21 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button M39006/21 Datasheet HTML 6Page - Vishay Siliconix M39006/21 Datasheet HTML 7Page - Vishay Siliconix M39006/21 Datasheet HTML 8Page - Vishay Siliconix M39006/21 Datasheet HTML 9Page - Vishay Siliconix M39006/21 Datasheet HTML 10Page - Vishay Siliconix M39006/21 Datasheet HTML 11Page - Vishay Siliconix M39006/21 Datasheet HTML 12Page - Vishay Siliconix M39006/21 Datasheet HTML 13Page - Vishay Siliconix M39006/21 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.vishay.com
19
M39006/09/21/22/25/30/31
Vishay
Document Number: 40022
Revision 13-Oct-03
For technical questions, contact wettants@vishay.com
STANDARD/EXTENDED RATINGS: CLR79, M39006/22-XXXX
Max. CAPACITANCE
CHANGE (%) at
Max.**
RIPPLE
CURRENT
at + 85
°C
40kHz
+ 125
°C
+ 85
°C
- 55
°C
Max. IMP.
at - 55
°C
(Ohms)
Max. DF
at + 25
°C
(%)
+ 85
°C
+ 125
°C
+ 25
°C
CAP.
TOL.
(
± %)
CASE
CODE
CAPACITANCE
(
µF)
Max. DCL (
µA)
at
PART NO. M39006/22-*
FAILURE RATE LEVEL
(%/1000 HR)
10 WVDC at + 85
°C . . . 7 WVDC at + 125°C
R
0.01
M
1.0
P
0.1
180.0
180.0
250.0
250.0
250.0
390.0
390.0
390.0
750.0
750.0
15 WVDC at + 85
°C . . . 10 WVDC at + 125°C
15.0
15.0
15.0
33.0
33.0
33.0
70.0
70.0
70.0
120.0
120.0
120.0
170.0
170.0
170.0
270.0
270.0
270.0
540.0
540.0
0061
0062
0063
0064
0065
0066
0067
0068
0069
0070
0071
0072
0073
0074
0075
0076
0077
0078
0079
0080
0281
0282
0283
0284
0285
0286
0287
0288
0289
0290
0291
0292
0293
0294
0295
0296
0297
0298
0299
0300
0501
0502
0503
0504
0505
0506
0507
0508
0509
0510
0511
0512
0513
0514
0515
0516
0517
0518
0519
0520
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.0
6.0
6.0
2.0
2.0
2.0
2.0
2.0
2.0
4.0
4.0
4.0
7.0
7.0
7.0
10.0
10.0
10.0
16.0
16.0
16.0
24.0
24.0
T1
T1
T1
T1
T1
T1
T2
T2
T2
T2
T2
T2
T3
T3
T3
T3
T3
T3
T4
T4
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
5
5
10
10
10
13
13
13
18
18
18
25
25
25
32
32
32
40
40
155
155
155
90
90
90
75
75
75
50
50
50
35
35
35
30
30
30
23
23
- 24
- 24
- 24
- 28
- 28
- 28
- 28
- 28
- 28
- 28
- 28
- 28
- 32
- 32
- 32
- 56
- 56
- 56
- 80
- 80
+ 10.5
+ 10.5
+ 10.5
+ 14
+ 14
+ 14
+ 14
+ 14
+ 14
+ 17.5
+ 17.5
+ 17.5
+ 14
+ 14
+ 14
+ 17.5
+ 17.5
+ 17.5
+ 25
+ 25
+ 12
+ 12
+ 12
+ 16
+ 16
+ 16
+ 16
+ 16
+ 16
+ 20
+ 20
+ 20
+ 16
+ 16
+ 16
+ 20
+ 20
+ 20
+ 25
+ 25
780
780
780
820
820
820
1150
1150
1150
1450
1450
1450
1480
1480
1480
1740
1740
1740
2330
2330
* Dash number will include the letter "H" to indicate the optional vibration and shock requirements (i.e., 51 g's random vibration, 80 g's
sinusoidal vibration and 500 g's shock).
** For ripple current limits at various temperatures, voltages and frequencies, see Ripple Current Table.
25 WVDC at + 85
°C . . . 15 WVDC at + 125°C
10.0
10.0
10.0
22.0
22.0
22.0
50.0
50.0
50.0
100.0
100.0
100.0
120.0
120.0
120.0
180.0
180.0
180.0
350.0
350.0
T2
T2
T3
T3
T3
T3
T3
T3
T4
T4
10
5
20
10
5
20
10
5
20
10
0051
0052
0053
0054
0055
0056
0057
0058
0059
0060
0491
0492
0493
0494
0495
0496
0497
0498
0499
0500
0271
0272
0273
0274
0275
0276
0277
0278
0279
0280
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.0
4.0
4.0
7.0
7.0
10.0
10.0
10.0
16.0
16.0
16.0
16.0
16.0
30
30
30
30
30
44
44
44
50
50
- 36
- 36
- 40
- 40
- 40
- 64
- 64
- 64
- 80
- 80
40
40
30
30
30
25
25
25
23
23
+ 14
+ 14
+ 14
+ 14
+ 14
+ 17.5
+ 17.5
+ 17.5
+ 25
+ 25
+ 16
+ 16
+ 16
+ 16
+ 16
+ 20
+ 20
+ 20
+ 25
+ 25
1365
1365
1720
1720
1720
1800
1800
1800
2360
2360
- 16
- 16
- 16
- 20
- 20
- 20
- 28
- 28
- 28
- 28
- 28
- 28
- 32
- 32
- 32
- 48
- 48
- 48
- 70
- 70
+ 8
+ 8
+ 8
+ 10.5
+ 10.5
+ 10.5
+ 13
+ 13
+ 13
+ 13
+ 13
+ 13
+ 13
+ 13
+ 13
+ 13
+ 13
+ 13
+ 25
+ 25
+ 9
+ 9
+ 9
+ 12
+ 12
+ 12
+ 15
+ 15
+ 15
+ 15
+ 15
+ 15
+ 15
+ 15
+ 15
+ 15
+ 15
+ 15
+ 25
+ 25
715
715
715
825
825
825
1130
1130
1130
1435
1435
1435
1450
1450
1450
1525
1525
1525
1970
1970
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.0
7.0
7.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
10.0
10.0
10.0
6.0
6.0
6.0
18.0
18.0
18.0
28.0
28.0
4
4
4
6.6
6.6
6.6
11.0
11.0
11.0
15
15
15
21
21
21
26
26
26
35
35
220
220
220
140
140
140
70
70
70
50
50
50
38
38
38
32
32
32
24
24
0521
0522
0523
0524
0525
0526
0527
0528
0529
0530
0531
0532
0533
0534
0535
0536
0537
0538
0539
0540
T1
T1
T1
T1
T1
T1
T2
T2
T2
T2
T2
T2
T3
T3
T3
T3
T3
T3
T4
T4
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
0081
0082
0083
0084
0085
0086
0087
0088
0089
0090
0091
0092
0093
0094
0095
0096
0097
0098
0099
0100
0301
0302
0303
0304
0305
0306
0307
0308
0309
0310
0311
0312
0313
0314
0315
0316
0317
0318
0319
0320
Wet Tantalum Capacitors, Military Established Reliability,
MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com