Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39006/21 Datasheet(PDF) 18 Page - Vishay Siliconix

Part # M39006/21
Description  Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M39006/21 Datasheet(HTML) 18 Page - Vishay Siliconix

Back Button M39006/21 Datasheet HTML 13Page - Vishay Siliconix M39006/21 Datasheet HTML 14Page - Vishay Siliconix M39006/21 Datasheet HTML 15Page - Vishay Siliconix M39006/21 Datasheet HTML 16Page - Vishay Siliconix M39006/21 Datasheet HTML 17Page - Vishay Siliconix M39006/21 Datasheet HTML 18Page - Vishay Siliconix M39006/21 Datasheet HTML 19Page - Vishay Siliconix M39006/21 Datasheet HTML 20Page - Vishay Siliconix M39006/21 Datasheet HTML 21Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
www.vishay.com
27
M39006/09/21/22/25/30/31
Vishay
Document Number: 40022
Revision 13-Oct-03
For technical questions, contact wettants@vishay.com
Max. CAPACITANCE
CHANGE (%) at
Max. ESR
at + 25
°C
100kHz
(Ohms)
+ 125
°C
+ 85
°C
- 55
°C
Max. IMP.
at - 55
°C
(Ohms)
Max. DF
at + 25
°C
(%)
+ 25
°C
CAP.
TOL.
(
± %)
CASE
CODE
CAPACITANCE
(
µF)
Max. DCL (
µA)
at
R
0.01
M
1.0
P
0.1
PART NO. M39006/30-*
FAILURE RATE LEVEL
(%/1000 HR)
STANDARD/EXTENDED RATINGS: CLR90, M39006/30-XXXX
+ 85
°C
+ 125
°C
T2
T2
T3
T3
T3
T3
T3
T3
T4
T4
0111
0112
0113
0114
0115
0116
0117
0118
0119
012
0
0271
0272
0273
0274
0275
0276
0277
0278
0279
0280
0551
0552
0553
0554
0555
0556
0557
0558
0559
0560
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.0
8.0
8.0
8.0
8.0
12.0
12.0
12.0
18.0
18.0
18.0
32.0
32.0
6.5
6.5
8.5
8.5
8.5
11.5
11.5
11.5
15.5
15.5
60
60
40
40
40
35
35
35
25
25
- 24
- 24
- 28
- 28
- 28
- 48
- 48
- 48
- 60
- 60
+ 13
+ 13
+ 10.5
+ 10.5
+ 10.5
+ 13
+ 13
+ 13
+ 25
+ 25
+ 15
+ 15
+ 12
+ 12
+ 12
+ 15
+ 15
+ 15
+ 25
+ 25
1.27
1.27
1.13
1.13
1.13
1.02
1.02
1.02
0.69
0.69
10
5
20
10
5
20
10
5
20
10
3.98
3.98
3.98
2.66
2.66
2.66
2.13
2.13
2.13
1.56
1.56
1.56
1.33
1.33
1.33
1.22
1.22
1.22
0.71
0.71
400
400
400
250
250
250
95
95
95
70
70
70
45
45
45
45
45
45
27
27
+ 6
+ 6
+ 6
+ 9
+ 9
+ 9
+ 12
+ 12
+ 12
+ 15
+ 15
+ 15
+ 12
+ 12
+ 12
+ 15
+ 15
+ 15
+ 25
+ 25
+ 5
+ 5
+ 5
+ 8
+ 8
+ 8
+ 10.5
+ 10.5
+ 10.5
+ 13
+ 13
+ 13
+ 10.5
+ 10.5
+ 10.5
+ 13
+ 13
+ 13
+ 25
+ 25
- 16
- 16
- 16
- 24
- 24
- 24
- 20
- 20
- 20
- 28
- 28
- 28
- 16
- 16
- 16
- 32
- 32
- 32
- 50
- 50
1.5
1.5
1.5
2.0
2.0
2.0
4.0
4.0
4.0
5.0
5.0
5.0
6.0
6.0
6.0
7.5
7.5
7.5
8.5
8.5
2.0
2.0
2.0
2.0
2.0
2.0
5.0
5.0
5.0
9.0
9.0
9.0
12.0
12.0
12.0
16.0
16.0
16.0
32.0
32.0
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
0121
0122
0123
0124
0125
0126
0127
0128
0129
0130
0131
0132
0133
0134
0135
0136
0137
0138
0139
0140
0341
0342
0343
0344
0345
0346
0347
0348
0349
0350
0351
0352
0353
0354
0355
0356
0357
0358
0359
0360
0561
0562
0563
0564
0565
0566
0567
0568
0569
0570
0571
0572
0573
0574
0575
0576
0577
0578
0579
0580
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.0
6.0
6.0
T1
T1
T1
T1
T1
T1
T2
T2
T2
T2
T2
T2
T3
T3
T3
T3
T3
T3
T4
T4
5
5
5
10
10
10
25
25
25
47
47
47
60
60
60
82
82
82
160
160
* Dash number will include the letter "H" to indicate the optional vibration and shock requirements (i.e., 51 g's random vibration, 80 g's
sinusoidal vibration and 500 g's shock).
60 WVDC at + 85
°C . . . 40 WVDC at + 125°C
4
4
4
8.2
8.2
8.2
20
20
20
39
39
39
50
50
50
68
68
68
140
140
T1
T1
T1
T1
T1
T1
T2
T2
T2
T2
T2
T2
T3
T3
T3
T3
T3
T3
T4
T4
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
0141
0142
0143
0144
0145
0146
0147
0148
0149
0150
0151
0152
0153
0154
0155
0156
0157
0158
0159
0160
0361
0362
0363
0364
0365
0366
0367
0368
0369
0370
0371
0372
0373
0374
0375
0376
0377
0378
0379
0380
0581
0582
0583
0584
0585
0586
0587
0588
0589
0590
0591
0592
0593
0594
0595
0596
0597
0598
0599
0600
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.0
8.0
8.0
2.0
2.0
2.0
2.0
2.0
2.0
5.0
5.0
5.0
9.0
9.0
9.0
12.0
12.0
12.0
16.0
16.0
16.0
32.0
32.0
1.4
1.4
1.4
2.0
2.0
2.0
3.5
3.5
3.5
5.0
5.0
5.0
5.0
5.0
5.0
6.5
6.5
6.5
8.0
8.0
550
550
550
275
275
275
105
105
105
90
90
90
50
50
50
50
50
50
28
28
+ 5
+ 5
+ 5
+ 8
+ 8
+ 8
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 20
+ 20
+ 6
+ 6
+ 6
+ 9
+ 9
+ 9
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 20
+ 20
4.65
4.65
4.65
3.24
3.24
3.24
2.32
2.32
2.32
1.70
1.70
1.70
1.33
1.33
1.33
1.27
1.27
1.27
0.76
0.76
- 16
- 16
- 16
- 24
- 24
- 24
- 16
- 16
- 16
- 28
- 28
- 28
- 16
- 16
- 16
- 32
- 32
- 32
- 40
- 40
50 WVDC at + 85
°C . . . 30 WVDC at + 125°C
30 WVDC at + 85
°C . . . 20 WVDC at + 125°C
68
68
100
100
100
150
150
150
300
300
75 WVDC at + 85
°C . . . 50 WVDC at + 125°C
3.5
3.5
3.5
6.8
T1
T1
T1
T1
20
10
5
20
0161
0162
0163
0164
0381
0382
0383
0384
0601
0602
0603
0604
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
1.25
1.25
1.25
1.75
650
650
650
300
- 16
- 16
- 16
- 20
+ 5
+ 5
+ 5
+ 8
+ 6
+ 6
+ 6
+ 9
4.74
4.74
4.74
3.42
Wet Tantalum Capacitors, Military Established Reliability,
MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com