Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39006/21 Datasheet(PDF) 20 Page - Vishay Siliconix

Part # M39006/21
Description  Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M39006/21 Datasheet(HTML) 20 Page - Vishay Siliconix

Back Button M39006/21 Datasheet HTML 13Page - Vishay Siliconix M39006/21 Datasheet HTML 14Page - Vishay Siliconix M39006/21 Datasheet HTML 15Page - Vishay Siliconix M39006/21 Datasheet HTML 16Page - Vishay Siliconix M39006/21 Datasheet HTML 17Page - Vishay Siliconix M39006/21 Datasheet HTML 18Page - Vishay Siliconix M39006/21 Datasheet HTML 19Page - Vishay Siliconix M39006/21 Datasheet HTML 20Page - Vishay Siliconix M39006/21 Datasheet HTML 21Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
www.vishay.com
29
M39006/09/21/22/25/30/31
Vishay
Document Number: 40022
Revision 13-Oct-03
For technical questions, contact wettants@vishay.com
Max. CAPACITANCE
CHANGE (%) at
Max. ESR
at + 25
°C
100kHz
(Ohms)
Max. IMP.
at - 55
°C
(Ohms)
Max. DF
at + 25
°C
(%)
CAP.
TOL.
(
± %)
CASE
CODE
CAPACITANCE
(
µF)
Max. DCL (
µA)
at
R
0.01
M
1.0
P
0.1
PART NO. M39006/31-*
FAILURE RATE LEVEL
(%/1000 HR)
STANDARD/EXTENDED RATINGS: CLR91, M39006/31-XXXX
+ 85
°C
+ 125
°C
* Dash number will include the letter "H" to indicate the optional vibration and shock requirements (i.e., 51 g's random vibration, 80 g's
sinusoidal vibration and 500 g's shock).
220
220
820
820
1500
1500
2200
2200
T1
T1
T2
T2
T3
T3
T4
T4
0001
0002
0003
0004
0005
0006
0007
0008
0089
0090
0091
0092
0093
0094
0095
0096
0177
0178
0179
0180
0181
0182
0183
0184
2.0
2.0
3.0
3.0
5.0
5.0
6.0
6.0
9.0
9.0
14.0
14.0
20.0
20.0
24.0
24.0
25
25
77.5
77.5
86
86
85
85
36
36
18
18
18
18
13
13
- 64
- 64
- 88
- 88
- 90
- 90
- 90
- 90
+ 13
+ 13
+ 16
+ 16
+ 20
+ 20
+ 25
+ 25
+ 16
+ 16
+ 20
+ 20
+ 25
+ 25
+ 30
+ 30
1.51
1.51
1.26
1.26
0.76
0.76
0.52
0.52
20
10
20
10
20
10
20
10
8 WVDC at + 85
°C . . . 5 WVDC at + 125°C
180
180
680
680
1500
1500
1800
1800
T1
T1
T2
T2
T3
T3
T4
T4
0009
0010
0011
0012
0013
0014
0015
0016
0097
0098
0099
0100
0101
0102
0103
0104
0185
0186
0187
0188
0189
0190
0191
0192
2.0
2.0
3.0
3.0
5.0
5.0
7.0
7.0
20
10
20
10
20
10
20
10
9.0
9.0
14.0
14.0
20.0
20.0
25.0
25.0
20.5
20.5
65
65
85
85
69
69
45
45
22
22
18
18
14
14
- 60
- 60
- 83
- 83
- 90
- 90
- 90
- 90
+ 13
+ 13
+ 16
+ 16
+ 20
+ 20
+ 25
+ 25
+ 16
+ 16
+ 20
+ 20
+ 25
+ 25
+ 30
+ 30
1.51
1.51
1.27
1.27
0.75
0.75
0.51
0.51
150
150
560
560
1200
1200
1500
1500
T1
T1
T2
T2
T3
T3
T4
T4
0017
0018
0019
0020
0021
0022
0023
0024
0105
0106
0107
0108
0109
0110
0111
0112
0193
0194
0195
0196
0197
0198
0199
0200
2.0
2.0
3.0
3.0
5.0
5.0
7.0
7.0
9.0
9.0
16.0
16.0
20.0
20.0
25.0
25.0
20
10
20
10
20
10
20
10
17
17
53
53
68.5
68.5
57
57
54
54
27
27
18
18
15
15
- 55
- 55
- 77
- 77
- 88
- 88
- 88
- 88
+ 13
+ 13
+ 16
+ 16
+ 20
+ 20
+ 25
+ 25
+ 16
+ 16
+ 20
+ 20
+ 25
+ 25
+ 30
+ 30
1.51
1.51
1.26
1.26
0.76
0.76
0.51
0.51
+ 125
°C
+ 85
°C
- 55
°C
+ 25
°C
10 WVDC at + 85
°C . . . 7 WVDC at + 125°C
15 WVDC at + 85
°C . . . 10 WVDC at + 125°C
100
100
390
390
820
820
1000
1000
6 WVDC at + 85
°C . . . 4 WVDC at + 125°C
25 WVDC at + 85
°C . . . 15 WVDC at + 125°C
68
68
270
270
560
560
680
680
T1
T1
T2
T2
T3
T3
T4
T4
0033
0034
0035
0036
0037
0038
0039
0040
0121
0122
0123
0124
0125
0126
0127
0128
0209
0210
0211
0212
0213
0214
0215
0216
2.0
2.0
3.0
3.0
7.0
7.0
8.0
8.0
9.0
9.0
16.0
16.0
28.0
28.0
32.0
32.0
11
11
27.5
27.5
38
38
31.5
31.5
90
90
33
33
24
24
19
19
- 40
- 40
- 62
- 62
- 72
- 72
- 72
- 72
+ 12
+ 12
+ 13
+ 13
+ 20
+ 20
+ 25
+ 25
+ 15
+ 15
+ 16
+ 16
+ 25
+ 25
+ 30
+ 30
2.15
2.15
1.35
1.35
0.90
0.90
0.62
0.62
20
10
20
10
20
10
20
10
30 WVDC at + 85
°C . . . 20 WVDC at + 125°C
56
56
220
220
470
470
560
560
20
10
20
10
20
10
20
10
T1
T1
T2
T2
T3
T3
T4
T4
0025
0026
0027
0028
0029
0030
0031
0032
0113
0114
0115
0116
0117
0118
0119
0120
0201
0202
0203
0204
0205
0206
0207
0208
2.0
2.0
3.0
3.0
6.0
6.0
8.0
8.0
9.0
9.0
16.0
16.0
24.0
24.0
32.0
32.0
15
15
37
37
55.5
55.5
46
46
72
72
31
31
22
22
17
17
- 44
- 44
- 66
- 66
- 77
- 77
- 77
- 77
+ 13
+ 13
+ 16
+ 16
+ 20
+ 20
+ 25
+ 25
+ 16
+ 16
+ 20
+ 20
+ 25
+ 25
+ 30
+ 30
1.99
1.99
1.26
1.26
0.90
0.90
0.61
0.61
T1
T1
T2
T2
T3
T3
T4
T4
20
10
20
10
20
10
20
10
0041
0042
0043
0044
0045
0046
0047
0048
0129
0130
0131
0132
0133
0134
0135
0136
0217
0218
0219
0220
0221
0222
0223
0224
2.0
2.0
3.0
3.0
8.0
8.0
9.0
9.0
9.0
9.0
16.0
16.0
32.0
32.0
36.0
36.0
11
11
21
21
32
32
27.5
27.5
100
100
36
36
25
25
20
20
- 38
- 38
- 60
- 60
- 65
- 65
- 65
- 65
+ 12
+ 12
+ 13
+ 13
+ 20
+ 20
+ 25
+ 25
+ 15
+ 15
+ 16
+ 16
+ 25
+ 25
+ 30
+ 30
2.61
2.61
1.27
1.27
0.91
0.91
0.65
0.65
Wet Tantalum Capacitors, Military Established Reliability,
MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com