Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39006/21 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # M39006/21
Description  Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M39006/21 Datasheet(HTML) 2 Page - Vishay Siliconix

  M39006/21 Datasheet HTML 1Page - Vishay Siliconix M39006/21 Datasheet HTML 2Page - Vishay Siliconix M39006/21 Datasheet HTML 3Page - Vishay Siliconix M39006/21 Datasheet HTML 4Page - Vishay Siliconix M39006/21 Datasheet HTML 5Page - Vishay Siliconix M39006/21 Datasheet HTML 6Page - Vishay Siliconix M39006/21 Datasheet HTML 7Page - Vishay Siliconix M39006/21 Datasheet HTML 8Page - Vishay Siliconix M39006/21 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
www.vishay.com
11
M39006/09/21/22/25/30/31
Vishay
Document Number: 40022
Revision 13-Oct-03
For technical questions, contact wettants@vishay.com
STYLE CLR65
STYLE CLR69
0.453 + 0.031 - 0.015 [11.51 + 0.79 - 0.38]
0.641 + 0.031 - 0.015 [16.28 + 0.79 - 0.38]
0.766 + 0.031 - 0.015 [19.46 + 0.79 - 0.38]
1.062 + 0.031 - 0.015 [26.97 + 0.79 - 0.38]
0.219 [5.56]
0.312 [7.92]
0.406 [10.31]
0.406 [10.31]
L
D
(Max.)
WITH INSULATING
SLEEVE
MAX.
WEIGHT
(Ounces/
Grams)
T1
T2
T3
T4
CASE
CODE
STYLE CLR79
STYLE CLR81
STYLE CLR90
STYLE CLR91
0.07 [2.0]
0.18 [5.1]
0.36 [10.2]
0.49 [13.9]
E LEAD LENGTH
1.500
± 0.250 [38.10 ± 6.35]
2.250
± 0.250 [57.15 ± 6.35]
2.250
± 0.250 [57.15 ± 6.35]
2.250
± 0.250 [57.15 ± 6.35]
L
(Max.)
0.515 [13.08]
0.704 [17.88]
0.828 [21.03]
1.126 [28.60]
BARE CASE
D
0.188
± 0.016 [4.78 ± 0.38]
0.281
± 0.016 [7.14 ± 0.38]
0.375
± 0.016 [9.53 ± 0.38]
0.375
± 0.016 [9.53 ± 0.38]
DIMENSIONS in inches [millimeters]
Term. Loc. within
0.031 [0.79] R.
of True Position
Terminal
Welded
to Case
Glass
D Dia.
Insulating Sleeve
0.250 [6.35]
Max.
External Weld
Tantalum Feed -
Through 0.078
[1.98] Max. Dia.
0.094 [2.38]
Max.
0.025
± 0.002
[0.64
± 0.05]
ELE
CIRCUIT DIAGRAM
External Weld
D Dia.
0.025
± 0.002
[0.64
± 0.05]
0.094 [2.38]
Max.
Terminal
Welded
to Case
Insulating Sleeve
Term. Loc. within
0.031 [0.79] R.
of True Position
0.250 [6.35]
Max.
Tantalum Feed -
Through 0.078
[1.98] Max. Dia.
E
L
E
Glass
Case
CIRCUIT DIAGRAM
0.09 [2.6]
0.22 [6.2]
0.41 [11.6]
0.62 [17.7]
WITH INSULATING
SLEEVE
BARE CASE
CASE
CODE
MAX.
WEIGHT
(Ounces/
Grams)
1.500
± 0.250 [38.10 ± 6.35]
2.250
± 0.250 [57.15 ± 6.35]
2.250
± 0.250 [57.15 ± 6.35]
2.250
± 0.250 [57.15 ± 6.35]
E LEAD LENGTH
0.515 [13.08]
0.704 [17.88]
0.828 [21.03]
1.126 [28.60]
L
(Max.)
0.219 [5.56]
0.312 [7.92]
0.406 [10.31]
0.406 [10.31]
D
(Max.)
0.453 + 0.031 - 0.015 [11.51 + 0.79 - 0.38]
0.641 + 0.031 - 0.015 [16.28 + 0.79 - 0.38]
0.766 + 0.031 - 0.015 [19.46 + 0.79 - 0.38]
1.062 + 0.031 - 0.015 [26.97 + 0.79 - 0.38]
L
0.188
± 0.016 [4.78 ± 0.41]
0.281
± 0.016 [7.14 ± 0.41]
0.375
± 0.016 [9.53 ± 0.41]
0.375
± 0.016 [9.53 ± 0.41]
D
T1
T2
T3
T4
Wet Tantalum Capacitors, Military Established Reliability,
MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com