Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M39006/21 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # M39006/21
Description  Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M39006/21 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button M39006/21 Datasheet HTML 7Page - Vishay Siliconix M39006/21 Datasheet HTML 8Page - Vishay Siliconix M39006/21 Datasheet HTML 9Page - Vishay Siliconix M39006/21 Datasheet HTML 10Page - Vishay Siliconix M39006/21 Datasheet HTML 11Page - Vishay Siliconix M39006/21 Datasheet HTML 12Page - Vishay Siliconix M39006/21 Datasheet HTML 13Page - Vishay Siliconix M39006/21 Datasheet HTML 14Page - Vishay Siliconix M39006/21 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Document Number: 40022
Revision 13-Oct-03
www.vishay.com
20
M39006/09/21/22/25/30/31
Vishay
For technical questions, contact wettants@vishay.com
STANDARD/EXTENDED RATINGS: CLR79, M39006/22-XXXX
Max. CAPACITANCE
CHANGE (%) at
Max.**
RIPPLE
CURRENT
at + 85
°C
40kHz
+ 125
°C
+ 85
°C
- 55
°C
Max. IMP.
at - 55
°C
(Ohms)
Max. DF
at + 25
°C
(%)
+ 85
°C
+ 125
°C
+ 25
°C
CAP.
TOL.
(
± %)
CASE
CODE
CAPACITANCE
(
µF)
Max. DCL (
µA)
at
PART NO. M39006/22-*
FAILURE RATE LEVEL
(%/1000 HR)
R
0.01
M
1.0
P
0.1
30 WVDC at + 85
°C . . . 20 WVDC at + 125°C
8.0
8.0
8.0
15.0
15.0
15.0
40.0
40.0
40.0
68.0
68.0
68.0
100.0
100.0
100.0
150.0
150.0
150.0
300.0
300.0
4
4
4
5
5
5
10
10
10
13
13
13
17
17
17
23
23
23
31
31
275
275
275
175
175
175
65
65
65
60
60
60
40
40
40
35
35
35
25
25
- 16
- 16
- 16
- 20
- 20
- 20
- 24
- 24
- 24
- 24
- 24
- 24
- 28
- 28
- 28
- 48
- 48
- 48
- 60
- 60
+ 8
+ 8
+ 8
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 13
+ 13
+ 13
+ 10.5
+ 10.5
+ 10.5
+ 13
+ 13
+ 13
+ 25
+ 25
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 12
+ 15
+ 15
+ 15
+ 12
+ 12
+ 12
+ 15
+ 15
+ 15
+ 25
+ 25
640
640
640
780
780
780
1120
1120
1120
1285
1285
1285
1450
1450
1450
1525
1525
1525
1950
1950
T1
T1
T1
T1
T1
T1
T2
T2
T2
T2
T2
T2
T3
T3
T3
T3
T3
T3
T4
T4
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
0101
0102
0103
0104
0105
0106
0107
0108
0109
0110
0111
0112
0113
0114
0115
0116
0117
0118
0119
0120
0321
0322
0323
0324
0325
0326
0327
0328
0329
0330
0331
0332
0333
0334
0335
0336
0337
0338
0339
0340
0541
0542
0543
0544
0545
0546
0547
0548
0549
0550
0551
0552
0553
0554
0555
0556
0557
0558
0559
0560
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.0
8.0
8.0
2.0
2.0
2.0
2.0
2.0
2.0
5.0
5.0
5.0
8.0
8.0
8.0
12.0
12.0
12.0
18.0
18.0
18.0
32.0
32.0
5.0
5.0
5.0
10.0
10.0
10.0
25.0
25.0
25.0
47.0
47.0
47.0
60.0
60.0
60.0
82.0
82.0
82.0
160.0
160.0
50 WVDC at + 85
°C . . . 30 WVDC at + 125°C
* Dash number will include the letter "H" to indicate the optional vibration and shock requirements (i.e., 51 g's random vibration, 80 g's
sinusoidal vibration and 500 g's shock).
** For ripple current limits at various temperatures, voltages and frequencies, see Ripple Current Table.
60 WVDC at + 85
°C . . . 40 WVDC at + 125°C
4.0
4.0
4.0
8.2
8.2
8.2
20.0
20.0
20.0
39.0
T1
T1
T1
T1
T1
T1
T2
T2
T2
T2
T2
T2
T3
T3
T3
T3
T3
T3
T4
T4
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
5
20
10
3
3
3
4
4
4
8
8
8
11
11
11
12
12
12
15
15
15
17
17
0121
0122
0123
0124
0125
0126
0127
0128
0129
0130
0131
0132
0133
0134
0135
0136
0137
0138
0139
0140
0341
0342
0343
0344
0345
0346
0347
0348
0349
0350
0351
0352
0353
0354
0355
0356
0357
0358
0359
0360
0561
0562
0563
0564
0565
0566
0567
0568
0569
0570
0571
0572
0573
0574
0575
0576
0577
0578
0579
0580
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.0
8.0
8.0
2.0
2.0
2.0
2.0
2.0
2.0
5.0
5.0
5.0
9.0
9.0
9.0
12.0
12.0
12.0
16.0
16.0
16.0
32.0
32.0
400
400
400
250
250
250
95
95
95
70
70
70
45
45
45
45
45
45
27
27
- 16
- 16
- 16
- 24
- 24
- 24
- 20
- 20
- 20
- 28
- 28
- 28
- 16
- 16
- 16
- 32
- 32
- 32
- 50
- 50
+ 5
+ 5
+ 5
+ 8
+ 8
+ 8
+ 10.5
+ 10.5
+ 10.5
+ 13
+ 13
+ 13
+ 10.5
+ 10.5
+ 10.5
+ 13
+ 13
+ 13
+ 25
+ 25
+ 6
+ 6
+ 6
+ 9
+ 9
+ 9
+ 12
+ 12
+ 12
+ 15
+ 15
+ 15
+ 12
+ 12
+ 12
+ 15
+ 15
+ 15
+ 25
+ 25
580
580
580
715
715
715
1005
1005
1005
1155
1155
1155
1335
1335
1335
1400
1400
1400
1900
1900
+ 5
+ 5
+ 5
+ 8
+ 8
+ 8
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 6
+ 6
+ 6
+ 9
+ 9
+ 9
+ 12
+ 12
+ 12
+ 12
525
525
525
625
625
625
930
930
930
1110
2.8
2.8
2.8
4
4
4
7
7
7
10
550
550
550
275
275
275
105
105
105
90
- 16
- 16
- 16
- 24
- 24
- 24
- 16
- 16
- 16
- 28
2.0
2.0
2.0
2.0
2.0
2.0
5.0
5.0
5.0
9.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
0581
0582
0583
0584
0585
0586
0587
0588
0589
0590
T1
T1
T1
T1
T1
T1
T2
T2
T2
T2
20
10
5
20
10
5
20
10
5
20
0141
0142
0143
0144
0145
0146
0147
0148
0149
0150
0361
0362
0363
0364
0365
0366
0367
0368
0369
0370
Wet Tantalum Capacitors, Military Established Reliability,
MIL-PRF-39006 Qualified Styles CLR65, 69, 79, 81, 90, 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com