Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9076 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM9076
Description  150mA Ultra-Low Quiescent Current LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9076 Datasheet(HTML) 2 Page - Texas Instruments

  LM9076 Datasheet HTML 1Page - Texas Instruments LM9076 Datasheet HTML 2Page - Texas Instruments LM9076 Datasheet HTML 3Page - Texas Instruments LM9076 Datasheet HTML 4Page - Texas Instruments LM9076 Datasheet HTML 5Page - Texas Instruments LM9076 Datasheet HTML 6Page - Texas Instruments LM9076 Datasheet HTML 7Page - Texas Instruments LM9076 Datasheet HTML 8Page - Texas Instruments LM9076 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LM9076
SNVS260L – NOVEMEBER 2003 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 3. Top View
Figure 4. Top View
Part Numbers LM9076S-3.3 and LM9076S-5.0
Part Numbers LM9076BMA-3.3 and
See SFM Package Number KTT0005B
LM9076BMA-5.0
See SOIC Package Number D
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
VIN(DC)
-15V to +55V
VIN(+Transient) t< 10ms, Duty Cycle <1%
+70V
VIN(-Transient) t< 1ms, Duty Cycle <1%
-50V
SHUTDOWN Pin
-15V to +52V
RESET Pin
-0.3V to 20V
CDELAY Pin
-0.3V to VOUT +0.3V
Storage Temperature
-65°C to +150°C
Junction Temperature (TJ )
+175C
ESD, HBM, per AEC - Q100 - 002
+/-2 kV
ESD, MM, per AEC - Q100 - 003
+/-250V
(1)
Absolute Maximum Ratings indicate the limits beyond which the device may cease to function, and/or damage to the device may occur.
Operating Ratings
(1) (2)
VIN Pin
5.35V to 40V
VSHUTDOWN Pin
0V to 40V
Junction Temperature
−40°C < TJ < +125°C
Thermal Resistance KTT0005B(3)
θJA
75°C/W
θJC
2.9°C/W
Thermal Resistance D(3)
θJA
156°C/W
θJC
59°C/W
(1)
Absolute Maximum Ratings indicate the limits beyond which the device may cease to function, and/or damage to the device may occur.
(2)
Operating Ratings indicate conditions for which the device is intended to be functional, but does not ensure specific performance limits.
For ensured specifications and conditions refer to the Electrical Characteristics
(3)
Worst case (FREE AIR) per EIA/JESD51–3.
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM9076



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com