Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9076 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM9076
Description  150mA Ultra-Low Quiescent Current LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9076 Datasheet(HTML) 1 Page - Texas Instruments

  LM9076 Datasheet HTML 1Page - Texas Instruments LM9076 Datasheet HTML 2Page - Texas Instruments LM9076 Datasheet HTML 3Page - Texas Instruments LM9076 Datasheet HTML 4Page - Texas Instruments LM9076 Datasheet HTML 5Page - Texas Instruments LM9076 Datasheet HTML 6Page - Texas Instruments LM9076 Datasheet HTML 7Page - Texas Instruments LM9076 Datasheet HTML 8Page - Texas Instruments LM9076 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
VOUT
VIN
CDELAY
SHUTDOWN
GND
1.0 nF
COUT
10 PF
100 k:
CIN
10 PF
0.1 PF
Unregulated
Voltage Input
Regulated
Voltage Output
Delayed Reset
Output
Shutdown Control
Input
LM9076BMA-x.x
ON
OFF
RESET
VOUT
VIN
CDELAY
GND
1.0 nF
COUT
10 PF
100 k:
CIN
10 PF
0.1 PF
Unregulated
Voltage Input
Regulated
Voltage Output
Delayed Reset
Output
LM9076S-x.x
RESET
LM9076
www.ti.com
SNVS260L – NOVEMEBER 2003 – REVISED MARCH 2013
LM9076 150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
Check for Samples: LM9076
1
FEATURES
DESCRIPTION
The LM9076 is a ±3%, 150 mA logic controlled
2
•
Available with 5.0V or 3.3V Output Voltage
voltage regulator. The regulator features an active
•
Ultra Low Ground Pin Current, 25
μA Typical
low delayed reset output flag which can be used to
for 100
μA Load
reset a microprocessor system at turn-ON and in the
•
VOUT Initial Accuracy of ±1.5%
event that the regulator output voltage falls below a
minimum value. An external capacitor programs a
•
VOUT Accurate to ±3% Over Load and
delay time interval before the reset output pin can
Temperature Conditions
return high.
•
Low Dropout Voltage, 200 mV Typical with 150
Designed for automotive and industrial applications,
mA Load
the LM9076 contains a variety of protection features
•
Low Off State Ground Pin current for
such as thermal shutdown, input transient protection
LM9076BMA
and
a
wide
operating
temperature
range.
The
•
Delayed RESET Output Pin for Low VOUT
LM9076 uses an PNP pass transistor which allows
low drop-out voltage operation.
Detection
•
+70V/-50V Voltage Transients
•
Operational VIN up to +40V
Typical Applications
Figure 1. LM9076S-x.x in 5 lead SFM package
Figure 2. LM9076BMA-x.x in 8 lead SOIC package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM9076

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9076 NSC-LM9076 Datasheet
259Kb / 8P
150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
logo
Texas Instruments
LM9076 TI-LM9076 Datasheet
1Mb / 20P
LM9076 150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076 TI2-LM9076 Datasheet
1Mb / 23P
LM9076 150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
REVISED MARCH 2013
LM9076BMA-3.3 TI-LM9076BMA-3.3 Datasheet
1Mb / 20P
LM9076 150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076BMA-3.3/NOPB TI2-LM9076BMA-3.3/NOPB Datasheet
1Mb / 23P
LM9076 150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
REVISED MARCH 2013
More results

Similar Description - LM9076

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
Low-Quiescent Current 150mA LDO Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Diodes Incorporated
AP7350 DIODES-AP7350 Datasheet
1Mb / 13P
150mA ULTRA-LOW QUIESCENT CURRENT LDO with ENABLE
March 2020
AP7354 DIODES-AP7354 Datasheet
1Mb / 18P
150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com