Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9076 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM9076
Description  150mA Ultra-Low Quiescent Current LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9076 Datasheet(HTML) 4 Page - Texas Instruments

  LM9076 Datasheet HTML 1Page - Texas Instruments LM9076 Datasheet HTML 2Page - Texas Instruments LM9076 Datasheet HTML 3Page - Texas Instruments LM9076 Datasheet HTML 4Page - Texas Instruments LM9076 Datasheet HTML 5Page - Texas Instruments LM9076 Datasheet HTML 6Page - Texas Instruments LM9076 Datasheet HTML 7Page - Texas Instruments LM9076 Datasheet HTML 8Page - Texas Instruments LM9076 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LM9076
SNVS260L – NOVEMEBER 2003 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics for LM9076–3.3 (continued)
The following specifications apply for VIN = 14V; ILOAD = 10 mA; TJ = +25C; COUT = 10 μF, 0.5Ω < ESR < 4.0Ω; unless
otherwise specified. Bold values indicate
−40°C ≤ TJ ≤ +125°C.
(1)(2)(3)Minimum and Maximum limits are specified through
test, design or statistical correlation.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CDELAY PIN CHARACTERISTICS
CDELAY Charging
VIN = 14V,
IDELAY
-0.70
-0.42
-0.25
uA
Current
VDELAY = 0V
VOUT < 4.0V,
VOL
CDELAY pin low voltage
–
0.100
–
V
ISINK = IDELAY
VIN = 14V, CDELAY =
0.001 uF
tDELAY
Reset Delay Time
VOUT rising from 0V, Δt
4.7
7.8
13.2
ms
from VOUT > VOR to
RESET pin HIGH
Electrical Characteristics for LM9076–5.0
The following specifications apply for VIN= 14V; VSHUTDOWN = Open; ILOAD = 10 mA; TJ = +25°C; COUT = 10 µF, 0.5Ω < ESR <
4.0
Ω; unless otherwise specified. Bold Values indicate −40°C ≤ TJ ≤ 125°C.
(1) (2) (3) Minimum and Maximum limits are
specified through test, design, or statistical correlation.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LM9076–5.0 REGULATOR CHARACTERISTICS
4.925
5.00
5.075
V
−20°C ≤ TJ ≤ 85°C
4.900
5.00
5.100
V
1 mA
≤ ILOAD ≤ 150 mA
Output Voltage
1 mA
≤ ILOAD ≤ 150 mA
4.850
5.00
5.150
V
VIN = 60V,
VOUT
4.500
5.00
5.500
V
RLOAD = 1 kΩ, t ≤ 40ms
Output Voltage Off
VSHUTDOWN ≥ 2V,
–
0
250
mV
LM9076 BMA only
RLOAD = 1 kΩ
VIN = -15V,
Reverse Battery
−300
0
–
mV
RLOAD = 1 kΩ
9.0V
≤ VIN ≤ 16V,
–
4
25
mV
ILOAD = 10 mA
Line Regulation
ΔVOUT
16V
≤ VIN ≤ 40V,
–
17
35
mV
ILOAD = 10 mA
Load Regulation
1 mA
≤ ILOAD ≤ 150 mA
–
42
60
mV
ILOAD = 10 mA
–
30
50
mV
VDO
Dropout Voltage
ILOAD = 50 mA
–
80
–
mV
ILOAD = 150 mA
–
150
250
mV
9V
≤ VIN ≤ 16V,
–
25
45
μA
ILOAD = 100 uA
9V
≤ VIN ≤ 40V,
–
125
160
μA
ILOAD = 10 mA
Ground Pin Current
9V
≤ VIN ≤ 40V,
IGND
–
0.6
–
mA
ILOAD = 50 mA
9V
≤ VIN ≤ 16V,
–
3.6
4.5
mA
ILOAD = 150 mA
Ground Pin Current in
9V
≤ VIN ≤ 40V,
–
15
25
μA
Shutdown Mode
VSHUTDOWN = 2V
(1)
Pulse testing used maintain constant junction temperature (TJ ).
(2)
The regulated output voltage specification is not ensured for the entire range of VIN and output loads. Device operational range is limited
by the maximum junction temperature (T J ). The junction temperature is influenced by the ambient temperature (T A ), package
selection, input voltage (VIN ), and the output load current. When operating with maximum load currents the input voltage and/or ambient
temperature will be limited. When operating with maximum input voltage the load current and/or the ambient temperature will be limited.
(3)
Not Production tested, Specified by Design. Minimum, Typical, and/or Maximum values are provided for informational purposes only.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM9076



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com