Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9076 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM9076
Description  150mA Ultra-Low Quiescent Current LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9076 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM9076 Datasheet HTML 7Page - Texas Instruments LM9076 Datasheet HTML 8Page - Texas Instruments LM9076 Datasheet HTML 9Page - Texas Instruments LM9076 Datasheet HTML 10Page - Texas Instruments LM9076 Datasheet HTML 11Page - Texas Instruments LM9076 Datasheet HTML 12Page - Texas Instruments LM9076 Datasheet HTML 13Page - Texas Instruments LM9076 Datasheet HTML 14Page - Texas Instruments LM9076 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LM9076
www.ti.com
SNVS260L – NOVEMEBER 2003 – REVISED MARCH 2013
When the SHUTDOWN pin is low, or left open, the regulator is switched On. When an unregulated supply, such
as V BATTERY , is used to pull the SHUTDOWN pin high a series resistor in the range of 10K
Ω to 50KΩ is
recommended to provide reverse voltage transient protection of the SHUTDOWN pin. Adding a small capacitor
(0.001uF typical) from the SHUTDOWN pin to Ground will add noise immunity to prevent accidental turn on due
to noise on the supply line.
RESET FLAG
The RESET pin is an open collector output which requires an external pull-up resistor to develop the reset signal.
The external pull-up resistor should be in the range of 10 k
Ω to 200 kΩ.
At VIN values of less than typically 2V the RESET pin voltage will be high. For VIN values between typically 2V
and approximately VOUT + VBE the RESET pin voltage will be low. For VIN values greater than approximately
VOUT + VBE the RESET pin voltage will be dependent on the status of the VOUT pin voltage and the Delayed
Reset circuitry. The value of VBE is typically 600 mV at 25°C and will decrease approximately 2 mV for every 1°C
increase in the junction temperature. During normal operation the RESET pin voltage will be high .
Any load condition that causes the VOUT pin voltage to drop below typically 89% of normal will activate the
Delayed Reset circuit and the RESET pin will go low for the duration of the delay time.
Any line condition that causes VIN pin voltage to drop below typically VOUT + VBE will cause the RESET pin to go
low without activating the Delayed Reset circuitry.
Excessive thermal dissipation will raise the junction temperature and could activate the Thermal Shutdown
circuitry which, in turn, will cause the RESET pin to go low.
For the LM9076BMA devices, pulling the SHUTDOWN pin high will turn off the output which, in turn, will cause
the RESET pin to go low once the VOUT voltage has decayed to a value that is less than typically 89% of normal.
See Figure 25.
RESET DELAY TIME
When the regulator output is switched On, or after recovery from brief VOUT fault condition, the RESET flag can
be can be programmed to remain low for an additional delay time. This will give time for any system reference
voltages, clock signals, etc., to stabilize before the micro-controller resumes normal operation.
This delay time is controlled by the capacitor value on the CDELAY pin. During normal operation the CDELAY
capacitor is charged to near VOUT . When a VOUT fault causes the RESET pin to go low, the CDELAY capacitor is
quickly discharged to ground. When the VOUT fault is removed, and VOUT returns to the normal operating value,
the CDELAY capacitor begins charging at a typical constant 0.420 uA rate. When the voltage on the CDELAY
capacitor reaches the same potential as the VOUT pin the RESET pin will be allowed to return high.
The typical RESET delay time can be calculated with the following formula:
tDELAY = VOUT X (CDELAY / IDELAY )
(1)
For the LM9076–3.3 with a CDELAY value of 0.001 uF and a IDELAY value of 0.420 uA the typical RESET delay
time is:
tDELAY =3.3V × (0.001 uF / 0.420 uA) = 7.8 ms
(2)
For the LM9076–5.0 with a CDELAY value of 0.001 uF and a IDELAY value of 0.420 uA the typical RESET delay
time is:
tDELAY = 5.0V X (0.001uF / 0.420uA) = 11.9 ms
(3)
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM9076



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com