Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9076 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM9076
Description  150mA Ultra-Low Quiescent Current LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9076 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM9076 Datasheet HTML 8Page - Texas Instruments LM9076 Datasheet HTML 9Page - Texas Instruments LM9076 Datasheet HTML 10Page - Texas Instruments LM9076 Datasheet HTML 11Page - Texas Instruments LM9076 Datasheet HTML 12Page - Texas Instruments LM9076 Datasheet HTML 13Page - Texas Instruments LM9076 Datasheet HTML 14Page - Texas Instruments LM9076 Datasheet HTML 15Page - Texas Instruments LM9076 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LM9076
SNVS260L – NOVEMEBER 2003 – REVISED MARCH 2013
www.ti.com
THERMAL PROTECTION
Device operational range is limited by the maximum junction temperature (TJ). The junction temperature is
influenced by the ambient temperature (TA), package selection, input voltage (VIN), and the output load current.
When operating with maximum load currents the input voltage and/or ambient temperature will be limited. When
operating with maximum input voltage the load current and/or the ambient temperature will be limited.
Even though the LM9076 is equipped with circuitry to protect itself from excessive thermal dissipation, it is not
recommended that the LM9076 be operated at, or near, the maximum recommended die junction temperature
(TJ) as this may impair long term device reliability.
The thermal protection circuity monitors the temperature at the die level. When the die temperature exceeds
typically 160°C the voltage regulator output will be switched off.
Figure 25. Typical Reset Pin Operational Waveforms
12
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM9076



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com