Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1776 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1776
Description  PI-Bus Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1776 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS1776 Datasheet HTML 1Page - National Semiconductor (TI) DS1776 Datasheet HTML 2Page - National Semiconductor (TI) DS1776 Datasheet HTML 3Page - National Semiconductor (TI) DS1776 Datasheet HTML 4Page - National Semiconductor (TI) DS1776 Datasheet HTML 5Page - National Semiconductor (TI) DS1776 Datasheet HTML 6Page - National Semiconductor (TI) DS1776 Datasheet HTML 7Page - National Semiconductor (TI) DS1776 Datasheet HTML 8Page - National Semiconductor (TI) DS1776 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DC Electrical Characteristics (Continued)
V
CC = 5V ±10% (Unless Otherwise Specified) DC testing temp. groups: 1 = +25˚C, 2 = +125˚C, 3 = −55˚C
Symbol
Parameter
Conditions
Temp.
Min
Typ
Max Units
(Notes 3, 5)
Group
(Note 4)
Voltage
Except An
V
CC=Min, II=−18 mA
−1.2
V
I
IH2
Input Current
OEBn, OEA,
LE
V
CC=Min, VI=7.0V
1, 2, 3
1
100
µA
at Max
An
V
CC=Min, VI=5.5V
0.01
1
mA
Input Voltage
Bn
V
CC=Min, VI=5.5V
0.01
1
mA
I
IH1
Input Current
OEB, OEA, LE
V
CC=Max, VI=2.7V
20
µA
at Max
B0–B7
V
CC=Max, VI=2.1V
100
µA
Input Voltage
I
IL
Low Level
OEB, OEA, LE
V
CC=Max, VI=0.5V
2, 3
−40
µA
Input Current
1
−20
µA
Bn
V
CC=Max, VI=0.3V
1, 2, 3
−100
µA
I
OZH
TRI-STATE
An
V
CC=Max, VO=2.7V
1, 2, 3
+I
IH
Output Current,
70
µA
High Level
Voltage Applied
I
OZH
TRI-STATE
An
V
CC=Max, VO=0.5V
1, 2, 3
+I
IL
Output Current,
−70
µA
Low Level
Voltage Applied
I
X
High Level
V
CC=Max, VX=VCC,
1,2,3
Control Current
LE=OEA=OEBn=2.7V
−100
100
µA
An=2.7V, Bn=2.0V
V
CC=Max, VX=3.14V &
3.47V,
1, 2, 3
LE=OEA=OEBn=2.7V,
−10
10
mA
An=2.7V, Bn=2.0V
I
OS
Short-Circuit
An
V
CC=Max, Bn=1.9V,
1, 2, 3
Output Current
OEA=2.0V,
OEBn=2.7V
−60
−75
−150
mA
(Note 6)
I
CC
Supply Current
I
CCH
V
CC=Max, VIH
(A)=5.0V
1, 2
37
mA
I
CCH
341
mA
I
CCL
V
CC=Max, VIL(A)=0.3V
1, 2, 3
38
mA
I
CCZ
V
CC=Max, VIL(A)=0.3V
1, 2, 3
35
mA
I
OFF
Power Off
Bn=2.1V, V
CC=0.0V,
1, 2, 3
100
µA
Output Current
V
IL=Max or VIH=Min
Note 1: Absolute Maximum Ratings are those values beyond which damage to the device may occur.
Note 2: Unless otherwise specified all voltages are referenced to ground.
Note 3: For conditions shown as Min or Max, use the appropriate value specified under recommended operating conditions. Unless otherwise specified, VX = VCC
for all test conditions.
Note 4: All typical values are at VCC = 5V, TA = 25˚C.
Note 5: Due to test equipment limitations, actual test conditions are for VIH = 1.9V and for VIL = 1.2V, however the specified test limits and conditions are guaranteed.
Note 6: Not more than one output should be shorted at a time. For testing [<i]nfOS the use of high speed test apparatus and/or sample-and-hold techniques are
preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting of a High output may raise the chip tem-
perature above normal and thereby cause invalid readings in other parameter tests. In any squence of parameter test [<i]nfOStest should be performed last.
Note 7: Not more than one output should be shorted at a time. For testing IOS, the use of high speed test apparatus and/or sample-and-hold techniques are pref-
erable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting of a High output may raise the chip tem-
perature above normal and thereby cause invalid readings in other parameter tests. In any squence of parameter test, IOS tests should be performed last.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com