Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1776 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1776
Description  PI-Bus Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1776 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS1776 Datasheet HTML 1Page - National Semiconductor (TI) DS1776 Datasheet HTML 2Page - National Semiconductor (TI) DS1776 Datasheet HTML 3Page - National Semiconductor (TI) DS1776 Datasheet HTML 4Page - National Semiconductor (TI) DS1776 Datasheet HTML 5Page - National Semiconductor (TI) DS1776 Datasheet HTML 6Page - National Semiconductor (TI) DS1776 Datasheet HTML 7Page - National Semiconductor (TI) DS1776 Datasheet HTML 8Page - National Semiconductor (TI) DS1776 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MIL-STD-883C
DEVICE SPECIFICATIONS
Absolute Maximum Ratings (Notes 1, 2)
The 883 specifications are written to reflect the Rel Elec-
trical Test Specifications (RETS) established by National
Semiconductor for this product. For a copy of the latest
RETS please contact your local National Semiconductor
sales office or distributor.
Supply Voltage (V
CC)
−0.5V to +7.0V
V
X,VOH Output Level Control Voltage
(A Outputs)
−0.5V to +7.0V
OEB n, OEA, LE Input Voltage (V
I)
−0.5V to +7.0V
A0–A7, B0–B7 Input Voltage (V
I)
−0.5V to +5.5V
Input Current (I
I)
−40 mA to +5 mA
Voltage Applied to Output in
High Output State (V
O)
−0.5V to +V
CCV
A0–A7 Current Applied to Output
in Low Output State (I
O)40 mA
B0–B7 Current Applied to Output
in Low Output State (I
O)
200 mA
Storage Temperature Range (T
STG)
−65˚C to +150˚C
Lead Temperature
(Soldering 10 Sec.)
260˚C
ESD Tolerance:
C
ZAP = 120 pF, RZAP = 1500Ω
0.5 kV
Operating Conditions
Min
Max
Units
Supply Voltage (V
CC)
4.5
5.5
V
Operating Temp. Range (T
A)
−55
+125
˚C
Input Rise or Fall Times (t
r,tf)50
ns
PI Bus Transceiver DS1776
DC Electrical Characteristics
V
CC = 5V ±10% (Unless Otherwise Specified) DC testing temp. groups: 1 = +25˚C, 2 = +125˚C, 3 = −55˚C
Symbol
Parameter
Conditions
Temp.
Min
Typ
Max Units
(Notes 3, 5)
Group
(Note 4)
V
IH
High Level Input
Except Bn
1, 2, 3
2
V
Voltage
Bn
1.6
V
V
IL
Low Level Input
Except Bn
1, 2, 3
0.8
V
Voltage
Bn
1.45
V
I
OH
High Level Output
An
V
IN = VIH
1, 2, 3
−3
mA
Current
V
OH = VCC − 2.0V
High Level Output
Bn
V
CC = Max, OEA = LE
100
µA
Current
V
IH = 2.0V, VOH =
2.1V
I
OL
Low Level Output
An
V
IN = VIL
1, 2, 3
Current
V
OL = 0.5V
20
mA
Bn
V
OL = 1.15V
100
mA
I
IK
Input Clamp
Current
Except An
1, 2, 3
−18
mA
An
−40
mA
I
OZ
TRI-STATE
Output
An
1, 2, 3
±70
µA
Leakage Current
Bn
V
OH
High Level Output
An
V
CC = Min, VIH = 1.9V
I
OH = −3mA
1,2,3
2.5
V
CC
V
Voltage
V
X = VCC
I
OH = −0.4
mA
2.5
V
X
V
V
X = 3.13V to
3.47V
V
OL
Low Output
An
V
CC=Min, VIL=1.2V
I
OL=20 mA,
0.5
V
Level Voltage
V
X=VCC
Bn
V
CC=Min, VIL=0.8V
I
OL=100 mA
1, 2, 3
1.15
V
I
OL=4 mA
0.4
V
IK
Input Clamp
An
V
CC=Min, II=−40 mA
1, 2, 3
−0.5
V
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com