Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1776 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1776
Description  PI-Bus Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1776 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DS1776 Datasheet HTML 3Page - National Semiconductor (TI) DS1776 Datasheet HTML 4Page - National Semiconductor (TI) DS1776 Datasheet HTML 5Page - National Semiconductor (TI) DS1776 Datasheet HTML 6Page - National Semiconductor (TI) DS1776 Datasheet HTML 7Page - National Semiconductor (TI) DS1776 Datasheet HTML 8Page - National Semiconductor (TI) DS1776 Datasheet HTML 9Page - National Semiconductor (TI) DS1776 Datasheet HTML 10Page - National Semiconductor (TI) DS1776 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Description (Continued)
TABLE 2. Function Table
Inputs
Latch
Outputs
Mode
An
Bn (Note 8)
LE
OEA
OEB
0
OEB
1
State
An
Bn
H
X
L
L
L
L
H
Z
H
A TRI-STATE, Data from A to B
LXL
L
L
L
L
Z
L
X
X
H
L
L
L
Qn
Z
Qn
A TRI-STATE, Latched Data to
B
—
—
L
H
L
L
(Note 10)
(Note 8)
(Note 8)
Feedback: A to B, B to A
—
H
H
H
L
L
H (Note 9)
H
off (Note 9)
Preconditioned Latch Enabling
—
L
H
H
L
L
H (Note 9)
L
off (Note 9)
Data Transfer from B to A
—
—
H
H
L
L
Qn
Qn
Qn
Latch State to A and B
H
X
L
L
H
X
H
Z
off
L
X
L
L
H
X
L
Z
off
B off and A TRI-STATE
X
X
H
L
H
X
Qn
Z
off
—
H
L
H
H
X
H
H
off
—
L
L
H
H
X
L
L
off
—
H
H
H
H
X
Qn
H
off
B off, Data from B to A
—
L
H
H
H
X
Qn
L
off
H
X
L
L
X
H
H
Z
off
L
X
L
L
X
H
L
Z
off
B off and A TRI-STATE
X
X
H
L
X
H
Qn
Z
off
—
H
L
H
X
H
H
H
off
—
L
L
H
X
H
L
L
off
B off, Data from B to A
—
H
H
H
X
H
Qn
H
off
—
L
H
H
X
H
Qn
L
off
H = High Voltage Level
L = Low Voltage Level
X = Don’t Care
— = Input not externally driven
Z = High Impedance (off) state
Qn = High or Low voltage level one setup time prior to the Low-to-High LE transition
Note 8: Condition will cause a feedback loop path; A to B and B to A.
Note 9: The latch must be preconditioned such that B inputs may assume a High or Low level while OEB 0 and OEB 1, are Low and LE is high.
Note 10: Precaution should be taken to ensure that the B inputs do not float. If they do, they are equal to a Low state.
Note 11: off = Applies to “B” (OC) outputs only. Indicates that the outputs are turned off.
CONTROLLER POWER SEQUENCING OPERATION
The DS1776 has a design feature which controls the output
transitions during power up (or down). There are two pos-
sible conditions that occur.
1.
When LE = Low and OEB n = Low, the B outputs are
disabled until the LE circuit can take control. This feature
ensures that the B outputs will follow the A inputs and al-
low only one transition during power up (or down).
2.
If LE = High or OEB n = High, then the B outputs still re-
main disabled during power up (or down).
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com