Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1776 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1776
Description  PI-Bus Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1776 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS1776 Datasheet HTML 1Page - National Semiconductor (TI) DS1776 Datasheet HTML 2Page - National Semiconductor (TI) DS1776 Datasheet HTML 3Page - National Semiconductor (TI) DS1776 Datasheet HTML 4Page - National Semiconductor (TI) DS1776 Datasheet HTML 5Page - National Semiconductor (TI) DS1776 Datasheet HTML 6Page - National Semiconductor (TI) DS1776 Datasheet HTML 7Page - National Semiconductor (TI) DS1776 Datasheet HTML 8Page - National Semiconductor (TI) DS1776 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DS1776
PI-Bus Transceiver
General Description
The DS1776 is an octal PI-bus Transceiver. The A to B path
is latched. B outputs are open collector with series Schottky
diode, ensuring minimum B output loading. B outputs also
have ramped rise and fall times (2.5 ns typical), ensuring
minimum PI-bus ringing. B inputs have glitch rejection cir-
cuitry, 4 ns typical.
Designed using National’s Bi-CMOS process for both low
operating and disabled power. AC performance is optimized
for the PI-Bus inter-operability requirements.
The DS1776 is an octal latched transceiver and is intended
to provide the electrical interface to a high performance
wired-or bus. This bus has a loaded characteristic imped-
ance range of 20
Ω to 50Ω and is terminated on each end
with a 30
Ω to 40Ω resistor.
The DS1776 is an octal bidirectional transceiver with open
collector B and TRI-STATE® A port output drivers. A latch
function is provided for the A port signals. The B port output
driver is designed to sink 100 mA from 2V and features a
controlled linear ramp to minimize crosstalk and ringing on
the bus.
A separate high level control voltage (V
X) is provided to pre-
vent the A side output high level from exceeding future high
density processor supply voltage levels. For 5V systems, V
X
is tied to V
CC.
Features
n Mil-Std-883C qualified
n Similar to BTL
n Low power ICCL = 41 mA max
n B output controlled ramp rate
n B input noise immunity, typically 4 ns
n Available in 28-pin DIP, Flatpak and CLCC
n Pin and function compatible with Signetics 54F776
Pin Configurations
Logic Symbol
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
Pin Configuration
DS010875-1
Order Number DS1776E/883 or DS1776J/883
See NS Package E28A or J28B
Pin Configuration
DS010875-2
DS010875-3
January 1996
© 1999 National Semiconductor Corporation
DS010875
www.national.com


Similar Part No. - DS1776

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS1776E/883 TI1-DS1776E/883 Datasheet
345Kb / 16P
Pi-Bus Transceiver
DS1776QML TI1-DS1776QML Datasheet
345Kb / 16P
Pi-Bus Transceiver
More results

Similar Description - DS1776

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F776 PHILIPS-74F776 Datasheet
108Kb / 12P
Pi-bus transceiver
1990 Dec 19
logo
Toshiba Semiconductor
TC74LVX245F TOSHIBA-TC74LVX245F Datasheet
270Kb / 8P
OCTAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
DIFFERENTIAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74VHC245 ONSEMI-MC74VHC245 Datasheet
178Kb / 8P
Octal Bus Transceiver
March, 2006 ??Rev. 5
logo
Texas Instruments
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
DIFFERENTIAL BUS TRANSCEIVER
DS1776QML TI1-DS1776QML Datasheet
345Kb / 16P
Pi-Bus Transceiver
logo
PHOENIX CONTACT
1334220 PHOENIX-1334220 Datasheet
385Kb / 10P
Transceiver - FOC-CAGE:SFP/SFP:1X1:PI
1334221 PHOENIX-1334221 Datasheet
388Kb / 10P
Transceiver - FOC-CAGE:SFP/SFP:1X2:PI
1334222 PHOENIX-1334222 Datasheet
385Kb / 10P
Transceiver - FOC-CAGE:SFP/SFP:1X4:PI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com