Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1776 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1776
Description  PI-Bus Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1776 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS1776 Datasheet HTML 1Page - National Semiconductor (TI) DS1776 Datasheet HTML 2Page - National Semiconductor (TI) DS1776 Datasheet HTML 3Page - National Semiconductor (TI) DS1776 Datasheet HTML 4Page - National Semiconductor (TI) DS1776 Datasheet HTML 5Page - National Semiconductor (TI) DS1776 Datasheet HTML 6Page - National Semiconductor (TI) DS1776 Datasheet HTML 7Page - National Semiconductor (TI) DS1776 Datasheet HTML 8Page - National Semiconductor (TI) DS1776 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AC Electrical Characteristics
V
CC = 5V ± 10% (Unless otherwise specified)
AC testing temp. groups: 1 = +25˚C, 2 = +125˚C, 3 = −55˚C
Path
Parameter
Conditions
Temp.
Min
Max
Units
Group
B-TO-A PATH
t
PLH
Propagation Delay B to A
Waveform 1, 2
1, 2, 3
4.5
17
ns
t
PHL
617
ns
t
PZH
Output Enable OEA to A
Waveform 3, 4
1, 2, 3
4
17
ns
t
PZL
417
ns
t
PHZ
Output Disable OEA to A
Waveform 3, 4
1, 2, 3
2
12
ns
t
PLZ
213
ns
A-TO-B PATH
t
PLH
Propagation Delay A to B
Waveform 1, 2
1, 3
2
13
ns
2
2
17
ns
t
PHL
1, 2, 3
2.5
13
ns
t
PLH
Propagation Delay LE to B
Waveform 1, 2
1, 3
2
16
ns
2
2
22
ns
t
PHL
1, 2, 3
2
16
ns
t
PLH
Enable/Disable OEBn to B
Waveform 1, 2
1, 3
2
13
ns
2
2
16
ns
t
PHL
1
3.5
14
ns
2
3.5
13
ns
3
3.5
16
ns
t
TLH
Transition Time, B Side
1.3V to 1.7V
1, 3
0.5
5.5
ns
2
0.5
10
ns
t
THL
1.7V to 1.3V
1
0.5
5.5
ns
2
0.5
7
ns
3
0.5
10
ns
SETUP/HOLD/PULSE WIDTH SPECS
t
S
A to LE Setup
Waveform 5
1, 2, 3
7
ns
t
H
A to LE Hold
Waveform 5
1, 2, 3
0
ns
t
W
LE Pulse Width Low
Waveform 5
1, 2, 3
12
ns
Description
PIN DESCRIPTION
TABLE 1. Pin Description
Symbol
Pins
Type
Name and Function
A0
3
I/O
A1
5
I/O
A2
6
I/O
A3
7
I/O
TTL Level, latched input/TRI-STATE output (with V
X control option)
A4
9
I/O
A5
10
I/O
A6
12
I/O
A7
13
I/O
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com