Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C31PQL Datasheet(PDF) 43 Page - Texas Instruments

Part # TMS320C31PQL
Description  DIGITAL SIGNAL PROCESSORS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C31PQL Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS320C31PQL Datasheet HTML 39Page - Texas Instruments TMS320C31PQL Datasheet HTML 40Page - Texas Instruments TMS320C31PQL Datasheet HTML 41Page - Texas Instruments TMS320C31PQL Datasheet HTML 42Page - Texas Instruments TMS320C31PQL Datasheet HTML 43Page - Texas Instruments TMS320C31PQL Datasheet HTML 44Page - Texas Instruments TMS320C31PQL Datasheet HTML 45Page - Texas Instruments TMS320C31PQL Datasheet HTML 46Page - Texas Instruments TMS320C31PQL Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
TMS320C31, TMS320LC31
DIGITAL SIGNAL PROCESSORS
SPRS035B – MARCH 1996 – REVISED JANUARY 1999
43
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timing parameters for peripheral pin changing from general-purpose input to output mode
(see Note 8 and Figure 30)
NO.
’LC31-33
’C31-40
’LC31-40
’C31-50
’C31-60
’C31-80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
87
td(H1H-GPIO)
Delay time, H1 high to
peripheral pin switching
from input to output
15
13
10
8
6
ns
NOTE 8: Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLK0 / 1. The modes of these pins are defined by the contents
of internal-control registers associated with each peripheral.
Peripheral
Pin
(see Note A)
I/O
Control
Bit
H1
H3
Execution of Store
of Peripheral-
Control Register
87
NOTE A: Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLK0/1.
Figure 30. Timing for Change of Peripheral Pin From General-Purpose Input to Output Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com