Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C31PQL Datasheet(PDF) 27 Page - Texas Instruments

Part # TMS320C31PQL
Description  DIGITAL SIGNAL PROCESSORS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C31PQL Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS320C31PQL Datasheet HTML 23Page - Texas Instruments TMS320C31PQL Datasheet HTML 24Page - Texas Instruments TMS320C31PQL Datasheet HTML 25Page - Texas Instruments TMS320C31PQL Datasheet HTML 26Page - Texas Instruments TMS320C31PQL Datasheet HTML 27Page - Texas Instruments TMS320C31PQL Datasheet HTML 28Page - Texas Instruments TMS320C31PQL Datasheet HTML 29Page - Texas Instruments TMS320C31PQL Datasheet HTML 30Page - Texas Instruments TMS320C31PQL Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
timing parameters for RESET for the TMS320C31 and TMS320LC31 (see Figure 21)
NO.
’LC31-33
’C31-40
’LC31-40
’LC31-40
’C31-50
’C31-60
’C31-80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
38
tsu(RESET-CIL)
Setup time, RESET before
CLKIN low
10
P†‡
10
P†‡
10
P†‡
10
P†‡
7
P†‡
4
P†‡
ns
39
td(CLKINH-H1H)
Delay time, CLKIN high to H1
high§
2
12
2
12¶
2
14
2
10
2
10
2
8
ns
40
td(CLKINH-H1L)
Delay time, CLKIN high to H1
low§
2
12
2
12¶
2
14
2
10
2
10
2
8
ns
41
tsu(RESETH-H1L)
Setup time, RESET high before
H1 low and after ten H1 clock
cycles
10
9
9
7
6
5
ns
42
td(CLKINH-H3L)
Delay time, CLKIN high to H3
low§
2
12¶
2
12
2
14
2
10
2
10
2
8
ns
43
td(CLKINH-H3H)
Delay time, CLKIN high to H3
high§
2
12¶
2
12
2
14
2
10
2
10
2
8
ns
44
tdis(H1H-DZ)
Disable time, H1 high to D (high
impedance)
15#
13#
13#
12#
11#
9#
ns
45
tdis(H3H-AZ)
Disable time, H3 high to A (high
impedance)
10#
9#
9#
8#
7#
6#
ns
46
td(H3H-CONTROLH)
Delay time, H3 high to control
signals high
10#
9#
9#
8#
7#
6#
ns
47
td(H1H-RWH)
Delay time, H1 high to R/W high
10#
9#
9#
8#
7#
6#
ns
48
td(H1H-IACKH)
Delay time, H1 high to IACK
high
10#
9#
9#
8#
7#
6#
ns
49
tdis(RESETL-ASYNCH)
Disable time, RESET low to
asynchronous reset signals
disabled (high impedance)
25#
21#
21#
17#
14#
12#
ns
† P = tc(CI)
‡ Specified by design but not tested
§ See Figure 22 for temperature dependence .
¶ 14 ns for the extended temperature ’C31-40
# This value is characterized but not tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com