Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C31PQL Datasheet(PDF) 31 Page - Texas Instruments

Part # TMS320C31PQL
Description  DIGITAL SIGNAL PROCESSORS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C31PQL Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS320C31PQL Datasheet HTML 27Page - Texas Instruments TMS320C31PQL Datasheet HTML 28Page - Texas Instruments TMS320C31PQL Datasheet HTML 29Page - Texas Instruments TMS320C31PQL Datasheet HTML 30Page - Texas Instruments TMS320C31PQL Datasheet HTML 31Page - Texas Instruments TMS320C31PQL Datasheet HTML 32Page - Texas Instruments TMS320C31PQL Datasheet HTML 33Page - Texas Instruments TMS320C31PQL Datasheet HTML 34Page - Texas Instruments TMS320C31PQL Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
TMS320C31, TMS320LC31
DIGITAL SIGNAL PROCESSORS
SPRS035B – MARCH 1996 – REVISED JANUARY 1999
31
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
interrupt-acknowledge timing
The IACK output goes active on the first half-cycle (HI rising) of the decode phase of the IACK instruction and
goes inactive at the first half-cycle (HI rising) of the read phase of the IACK instruction.
The following table defines the timing parameters for the IACK signal. The numbers shown in Figure 24
correspond with those in the NO. column of the table below.
timing parameters for IACK (see Note 7 and Figure 24)
NO.
’LC31-33
’C31-40
’LC31-40
’C31-50
’C31-60
’C31-80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
52
td(H1H-IACKL)
Delay time, H1 high to IACK
low
10
9
7
6
5
ns
53
td(H1H-IACKH)
Delay time, H1 high to IACK
high
10
9
7
6
5
ns
NOTE 7: IACK goes active on the first half-cycle (H1 rising) of the decode phase of the IACK instruction and goes inactive at the first half-cycle
(H1 rising) of the read phase of the IACK instruction. Because of pipeline conflicts, IACK remains low for one cycle even if the decode
phase of the IACK instruction is extended.
H3
H1
IACK
ADDR
Data
52
53
Fetch IACK
Instruction
IACK Data
Read
Decode IACK
Instruction
Figure 24. Timing for IACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com