Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C31PQL Datasheet(PDF) 45 Page - Texas Instruments

Part # TMS320C31PQL
Description  DIGITAL SIGNAL PROCESSORS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C31PQL Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMS320C31PQL Datasheet HTML 40Page - Texas Instruments TMS320C31PQL Datasheet HTML 41Page - Texas Instruments TMS320C31PQL Datasheet HTML 42Page - Texas Instruments TMS320C31PQL Datasheet HTML 43Page - Texas Instruments TMS320C31PQL Datasheet HTML 44Page - Texas Instruments TMS320C31PQL Datasheet HTML 45Page - Texas Instruments TMS320C31PQL Datasheet HTML 46Page - Texas Instruments TMS320C31PQL Datasheet HTML 47Page - Texas Instruments TMS320C31PQL Datasheet HTML 48Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
TMS320C31, TMS320LC31
DIGITAL SIGNAL PROCESSORS
SPRS035B – MARCH 1996 – REVISED JANUARY 1999
45
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timer pin timing (continued)
90
90
89
Peripheral
Pin
(see Note A)
H1
H3
88
91
92
NOTE A: HOLDA goes low in response to HOLD going low and continues to remain low until one H1 cycle
after HOLD goes back high.
Figure 31. Timing for Timer Pin
SHZ pin timing
The following table defines the timing parameter for the SHZ pin. The number shown in Figure 32 corresponds
with that in the NO. column of the table below.
timing parameters for SHZ (see Figure 32)
NO.
’C31
’LC31
UNIT
MIN
MAX
93
tdis(SHZ)
Disable time, SHZ low to all O, I/O pins disabled (high impedance)
0†
2P†‡
ns
† This value is characterized but not tested
‡ P = tc(CI)
93
H3
H1
SHZ
All I/O Pins
NOTE A: Enabling SHZ destroys TMS320C3x register and memory contents.
Assert SHZ = 1 and reset the TMS320C3x to restore it to a known
condition.
Figure 32. Timing for SHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com