Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C31PQL Datasheet(PDF) 29 Page - Texas Instruments

Part # TMS320C31PQL
Description  DIGITAL SIGNAL PROCESSORS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C31PQL Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS320C31PQL Datasheet HTML 25Page - Texas Instruments TMS320C31PQL Datasheet HTML 26Page - Texas Instruments TMS320C31PQL Datasheet HTML 27Page - Texas Instruments TMS320C31PQL Datasheet HTML 28Page - Texas Instruments TMS320C31PQL Datasheet HTML 29Page - Texas Instruments TMS320C31PQL Datasheet HTML 30Page - Texas Instruments TMS320C31PQL Datasheet HTML 31Page - Texas Instruments TMS320C31PQL Datasheet HTML 32Page - Texas Instruments TMS320C31PQL Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
TMS320C31, TMS320LC31
DIGITAL SIGNAL PROCESSORS
SPRS035B – MARCH 1996 – REVISED JANUARY 1999
29
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
interrupt response timing
The following table defines the timing parameters for the INT signals. The numbers shown in Figure 23
correspond with those in the NO. column of the table below.
timing parameters for INT3–INT0 response (see Figure 23)
NO.
’LC31-33
’C31-40
’LC31-40
’C31-50
’C31-60
’C31-80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
50
tsu(INT-H1L)
Setup time, INT3–
INT0 before H1 low
15
13
10
8
5
ns
51
tw(INT)
Pulse duration,
interrupt to ensure
only one interrupt
P
2P†‡
P
2P†‡
P
2P†‡
P
2P†‡
P
2P†‡
ns
† This value is characterized but not tested.
‡ P = tc(H)
The interrupt (INT) pins are asynchronous inputs that can be asserted at any time during a clock cycle. The
TMS320C3x interrupts are level-sensitive, not edge-sensitive. Interrupts are detected on the falling edge of H1.
Therefore, interrupts must be set up and held to the falling edge of H1 for proper detection. The CPU and DMA
respond to detected interrupts on instruction-fetch boundaries only.
For the processor to recognize only one interrupt on a given input, an interrupt pulse must be set up and held
to:
D A minimum of one H1 falling edge
D No more than two H1 falling edges
The TMS320C3x can accept an interrupt from the same source every two H1 clock cycles.
If the specified timings are met, the exact sequence shown in Figure 23 occurs; otherwise, an additional delay
of one clock cycle is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com