Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8575CDGVR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8575CDGVR
Description  SMBus Low-Power I/O Expander
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCF8575CDGVR Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCF8575CDGVR Datasheet HTML 15Page - Texas Instruments PCF8575CDGVR Datasheet HTML 16Page - Texas Instruments PCF8575CDGVR Datasheet HTML 17Page - Texas Instruments PCF8575CDGVR Datasheet HTML 18Page - Texas Instruments PCF8575CDGVR Datasheet HTML 19Page - Texas Instruments PCF8575CDGVR Datasheet HTML 20Page - Texas Instruments PCF8575CDGVR Datasheet HTML 21Page - Texas Instruments PCF8575CDGVR Datasheet HTML 22Page - Texas Instruments PCF8575CDGVR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
Cb (pF)
0
50
100
150
200
250
300
350
400
450
0
5
10
15
20
25
D008
Standard-mode
Fast-mode
VCC (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
D009
VCC > 2V
VCC <= 2
r
p(max)
b
R
0.8473 C
t
=
´
CC
OL(max)
p(min)
OL
V
V
R
I
-
=
PCF8575C
www.ti.com
SCPS123F – MARCH 2005 – REVISED JANUARY 2015
Typical Application (continued)
9.2.2 Detailed Design Procedure
The pull-up resistors, RP, for the SCL and SDA lines need to be selected appropriately and take into
consideration the total capacitance of all slaves on the I2C bus. The minimum pull-up resistance is a function of
VCC, VOL,(max), and IOL:
(1)
The maximum pull-up resistance is a function of the maximum rise time, tr (300 ns for fast-mode operation, fSCL =
400 kHz) and bus capacitance, Cb:
(2)
The maximum bus capacitance for an I2C bus must not exceed 400 pF for standard-mode or fast-mode
operation. The bus capacitance can be approximated by adding the capacitance of the TCA9534, Ci for SCL or
Cio for SDA, the capacitance of wires/connections/traces, and the capacitance of additional slaves on the bus.
9.2.3 Application Curves
Standard-mode
Fast-mode
VOL = 0.2*VCC, IOL = 2 mA
when VCC ≤ 2 V
(fSCL= 100 kHz, tr = 1 µs)
(fSCL= 400 kHz, tr= 300 ns)
VOL = 0.4 V, IOL = 3 mA
Figure 18. Maximum Pull-Up resistance (Rp(max)) vs Bus
when VCC > 2 V
Capacitance (Cb)
Figure 19. Minimum Pull-Up Resistance (Rp(min)) vs Pull-Up
Reference Voltage (VCC)
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: PCF8575C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com