Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8575CDGVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8575CDGVR
Description  SMBus Low-Power I/O Expander
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCF8575CDGVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCF8575CDGVR Datasheet HTML 6Page - Texas Instruments PCF8575CDGVR Datasheet HTML 7Page - Texas Instruments PCF8575CDGVR Datasheet HTML 8Page - Texas Instruments PCF8575CDGVR Datasheet HTML 9Page - Texas Instruments PCF8575CDGVR Datasheet HTML 10Page - Texas Instruments PCF8575CDGVR Datasheet HTML 11Page - Texas Instruments PCF8575CDGVR Datasheet HTML 12Page - Texas Instruments PCF8575CDGVR Datasheet HTML 13Page - Texas Instruments PCF8575CDGVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
P00
A
0.7 × VCC
0.3 × VCC
SCL
P17
tpv
Slave
ACK
Unstable
Data
Last Stable Bit
SDA
Pn
Pn
Write-Mode Timing (R/W = 0)
P00
A
0.7 × VCC
0.3 × VCC
SCL
P17
0.7 × VCC
0.3 × VCC
tsu
th
Read-Mode Timing (R/W = 1)
DUT
GND
CL = 100 pF
RL = 4.7 k
VCC
SDA LOAD CONFIGURATION
INTERRUPT LOAD CONFIGURATION
INT
GND
CL = 50 pF
RL = 1 k
VCC
DUT
SDA
DUT
GND
CL = 100 pF
P-PORT LOAD CONFIGURATION
Pn
PCF8575C
SCPS123F – MARCH 2005 – REVISED JANUARY 2015
www.ti.com
Parameter Measurement Information (continued)
Figure 9. P-Port Load Circuits and Voltage Waveforms
10
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: PCF8575C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com