Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8575CDGVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8575CDGVR
Description  SMBus Low-Power I/O Expander
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCF8575CDGVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCF8575CDGVR Datasheet HTML 3Page - Texas Instruments PCF8575CDGVR Datasheet HTML 4Page - Texas Instruments PCF8575CDGVR Datasheet HTML 5Page - Texas Instruments PCF8575CDGVR Datasheet HTML 6Page - Texas Instruments PCF8575CDGVR Datasheet HTML 7Page - Texas Instruments PCF8575CDGVR Datasheet HTML 8Page - Texas Instruments PCF8575CDGVR Datasheet HTML 9Page - Texas Instruments PCF8575CDGVR Datasheet HTML 10Page - Texas Instruments PCF8575CDGVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Temperature (°C)
100
75
−25
0
25
50
50
100
150
200
250
300
350
400
0
VCC = 5 V,ISINK= 10 mA
VCC = 5 V,ISINK= 1mA
125
−50
Temperature (°C)
100
75
50
25
0
−25
100
200
300
400
500
0
VCC = 5 V, ISOURCE = 10 mA
−50
125
PCF8575C
www.ti.com
SCPS123F – MARCH 2005 – REVISED JANUARY 2015
Typical Characteristics (continued)
TA = 25°C (unless otherwise noted)
Figure 6. I/O High Voltage vs Temperature
Figure 5. I/O Output Low Voltage vs Temperature
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: PCF8575C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com