Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8575CDGVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8575CDGVR
Description  SMBus Low-Power I/O Expander
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCF8575CDGVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCF8575CDGVR Datasheet HTML 9Page - Texas Instruments PCF8575CDGVR Datasheet HTML 10Page - Texas Instruments PCF8575CDGVR Datasheet HTML 11Page - Texas Instruments PCF8575CDGVR Datasheet HTML 12Page - Texas Instruments PCF8575CDGVR Datasheet HTML 13Page - Texas Instruments PCF8575CDGVR Datasheet HTML 14Page - Texas Instruments PCF8575CDGVR Datasheet HTML 15Page - Texas Instruments PCF8575CDGVR Datasheet HTML 16Page - Texas Instruments PCF8575CDGVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
SDA
SCL
Start Condition
S
Stop Condition
P
PCF8575C
www.ti.com
SCPS123F – MARCH 2005 – REVISED JANUARY 2015
8.3 Feature Description
8.3.1 I2C Interface
The bidirectional I2C bus consists of the serial clock (SCL) and serial data (SDA) lines. Both lines must be
connected to a positive supply via a pullup resistor when connected to the output stages of a device. Data
transfer may be initiated only when the bus is not busy.
I2C communication with this device is initiated by a master sending a start condition, a high-to-low transition on
the SDA input/output while the SCL input is high (see Figure 10). After the start condition, the device address
byte is sent, MSB first, including the data direction bit (R/W). This device does not respond to the general call
address. After receiving the valid address byte, this device responds with an ACK, a low on the SDA input/output
during the high of the ACK-related clock pulse. The address inputs (A2–A0) of the slave device must not be
changed between the start and the stop conditions.
The data byte follows the address ACK. If the R/W bit is high, the data from this device are the values read from
the P port. If the R/W bit is low, the data are from the master, to be output to the P port. The data byte is followed
by an ACK sent from this device. If other data bytes are sent from the master, following the ACK, they are
ignored by this device. Data are output only if complete bytes are received and acknowledged. The output data is
valid at time (tpv) after the low-to-high transition of SCL, during the clock cycle for the ACK.
On the I2C bus, only one data bit is transferred during each clock pulse. The data on the SDA line must remain
stable during the high pulse of the clock period, as changes in the data line at this time are interpreted as control
commands (start or stop) (see Figure 11).
A stop condition, a low-to-high transition on the SDA input/output while the SCL input is high, is sent by the
master (see Figure 10).
The number of data bytes transferred between the start and the stop conditions from transmitter to receiver is not
limited. Each byte of eight bits is followed by one ACK bit. The transmitter must release the SDA line before the
receiver can send an ACK bit.
A slave receiver that is addressed must generate an ACK after the reception of each byte. Also, a master must
generate an ACK after the reception of each byte that has been clocked out of the slave transmitter. The device
that acknowledges has to pull down the SDA line during the ACK clock pulse so that the SDA line is stable low
during the high pulse of the ACK-related clock period (see Figure 12). Setup and hold times must be taken into
account.
A master receiver must signal an end of data to the transmitter by not generating an acknowledge (NACK) after
the last byte that has been clocked out of the slave. This is done by the master receiver by holding the SDA line
high. In this event, the transmitter must release the data line to enable the master to generate a stop condition.
Figure 10. Definition of Start and Stop Conditions
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: PCF8575C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com