Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8575CDGVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8575CDGVR
Description  SMBus Low-Power I/O Expander
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCF8575CDGVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCF8575CDGVR Datasheet HTML 2Page - Texas Instruments PCF8575CDGVR Datasheet HTML 3Page - Texas Instruments PCF8575CDGVR Datasheet HTML 4Page - Texas Instruments PCF8575CDGVR Datasheet HTML 5Page - Texas Instruments PCF8575CDGVR Datasheet HTML 6Page - Texas Instruments PCF8575CDGVR Datasheet HTML 7Page - Texas Instruments PCF8575CDGVR Datasheet HTML 8Page - Texas Instruments PCF8575CDGVR Datasheet HTML 9Page - Texas Instruments PCF8575CDGVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
5.0
4.5
3.5
4.0
3.0
2.5
10
20
30
40
50
60
70
80
90
100
0
fSCL = 400 kHz
All I/Os unloaded
Supply Voltage (V)
2.0
5.5
0
5
10
15
20
25
30
35
0.0
0.1
0.2
0.3
0.4
0.5
0.6
VCC = 5 V
TA = −40ºC
TA = 25ºC
TA = 85ºC
VOL (V)
Temperature (°C)
100
75
25
50
0
−25
10
20
30
40
50
60
70
80
90
100
0
fSCL = 400 kHz
All I/Os unloaded
VCC = 5 V
−50
125
Temperature (°C)
100
75
25
50
0
−25
1
2
3
4
5
6
7
8
9
0
−50
SCL =
VCC
All I/Os unloaded
VCC = 5 V
125
PCF8575C
SCPS123F – MARCH 2005 – REVISED JANUARY 2015
www.ti.com
6.7
Switching Characteristics
over recommended operating free-air temperature range, CL ≤ 100 pF (unless otherwise noted) (see Figure 8 and Figure 9)
FROM
TO
PARAMETER
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
tiv
Interrupt valid time
P port
INT
4
μs
tir
Interrupt reset delay time
SCL
INT
4
μs
tpv
Output data valid
SCL
P port
4
μs
tsu
Input data setup time
P port
SCL
0
μs
th
Input data hold time
P port
SCL
4
μs
6.8 Typical Characteristics
TA = 25°C (unless otherwise noted)
Figure 1. Supply Current vs Temperature
Figure 2. Standby Supply Current vs Temperature
Figure 4. I/O Sink Current vs Output Low Voltage
Figure 3. Supply Current vs Supply Voltage
6
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: PCF8575C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com