Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2702E/2K Datasheet(PDF) 2 Page - Texas Instruments

Part # PCM2702E/2K
Description  DIGITAL-TO-ANALOG CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2702E/2K Datasheet(HTML) 2 Page - Texas Instruments

  PCM2702E/2K Datasheet HTML 1Page - Texas Instruments PCM2702E/2K Datasheet HTML 2Page - Texas Instruments PCM2702E/2K Datasheet HTML 3Page - Texas Instruments PCM2702E/2K Datasheet HTML 4Page - Texas Instruments PCM2702E/2K Datasheet HTML 5Page - Texas Instruments PCM2702E/2K Datasheet HTML 6Page - Texas Instruments PCM2702E/2K Datasheet HTML 7Page - Texas Instruments PCM2702E/2K Datasheet HTML 8Page - Texas Instruments PCM2702E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
PCM2702
2
SBAS142A
www.ti.com
Supply Voltage(2) .............................................................................................................. +6.5V
Supply Voltage(3) .............................................................................................................. +4.0V
Supply Voltage Differences(4) ..................................................................................
±0.1V
Supply Voltage Differences(5) ..................................................................................
±0.1V
Ground Voltage Differences(6) .................................................................................
±0.1V
Digital Input Voltage(7) ................................................................. –0.3V to VDD + 0.3V
Digital Input Voltage(8) ................................................................................ –0.3V to 6.5V
Analog Input Voltage ................................................ –0.3V to VCC + 0.3V
Input Current (any pins except supplies) .......................................
±10mA
Operating Temperature .................................................. –25
°C to +85°C
Storage Temperature ..................................................... –55
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 5s) ................................................. +260
°C
Package Temperature (IR reflow, peak, 10s) ............................... +235
°C
NOTES: (1) Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to absolute maximum
conditions
for
extended
periods
may
affect
device
reliability.
(2) VCC, VCCL, VCCR, VDDP. (3) VDD, VDDC. (4) Among VCC, VCCL, VCCR, VCCP.
(5) Among VDD, VDDC. (6) Among AGND, AGNDL, AGNDR, AGNDP, DGND,
DGNDC, and DGNDU. (7) XTI, D+, D–, PLYBCK, SSPND, ZERO, XTO.
(8) VBUS, TEST#, TEST2, TEST1, TEST0.
ABSOLUTE MAXIMUM RATINGS(1)
PIN
NAME
TYPE
DESCRIPTIONS
1
XTI
IN
Crystal Oscillator Input.(1)
2VDDC
—
Digital Power Supply for Clock Generator,
+3.3V.
3
DGNDC
—
Digital Ground for Clock Generator.
4VDD
—
Digital Power Supply, +3.3V.
5
DGND
—
Digital Ground.
6
D+
IN/OUT
USB Differential Input/Output Plus.
7
D–
IN/OUT
USB Differential Input/Output Minus.
8VBUS
IN
USB Bus Power (this pin NEVER consumes
USB bus power).(2)
9
DGNDU
—
Digital Ground for USB Transceiver.
10 PLYBCK
OUT
Playback flag, active LOW (LOW: playback,
HIGH: idle).
11
SSPND
OUT
Suspend flag, active LOW (LOW: suspend,
HIGH: operational).
12
ZERO
OUT
Zero flag (LOW: Normal, HIGH: ZERO.)
13
TEST3
IN
Test pin 3. Connect to digital ground.(2)
14
TEST2
IN
Test pin 2. Connect to digital ground.(2)
15
TEST1
IN
Test pin 1. Connect to digital ground.(2)
16
TEST0
IN
Test pin 0. Connect to digital ground.(2)
17
VCCR
—
Analog Supply for R-channel, +5V.
18
AGNDR
—
Analog Ground for R-channel.
19
VOUTR
OUT
Analog Output for R-channel.
20
AGND
—
Analog Ground.
21
VCOM
—
DC Common-Mode Voltage for DAC.
22
VCC
—
Analog Supply, +5V.
23
VOUTL
OUT
Analog Output for L-channel.
24
AGNDL
—
Analog Ground for L-channel.
25
VCCL
—
Analog Supply for L-channel, +5V.
26
AGNDP
—
Analog Ground for PLL.
27
VCCP
—
Analog Supply for PLL, +5V.
28
XTO
OUT
Crystal Oscillator Output.
NOTES: (1) 3.3 V tolerant. (2) Schmitt trigger input with internal pull-down,
5V tolerant.
XTI
V
DDC
DGNDC
V
DD
DGND
D+
D–
V
BUS
DGNDU
PLYBCK
SSPND
ZERO
TEST3
TEST2
XTO
V
CCP
AGNDP
V
CCL
AGNDL
V
OUTL
V
CC
V
COM
AGND
V
OUTR
AGNDR
V
CCR
TEST0
TEST1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PCM2702
Top View
SSOP
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PACKAGE/ORDERING INFORMATION(1)
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA
PCM2702E
SSOP-28
DB
0
°C to +70°C
PCM2702E
PCM2702E
Rails
""
"
"
"
PCM2702E/2K
Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com