Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2702E/2K Datasheet(PDF) 12 Page - Texas Instruments

Part # PCM2702E/2K
Description  DIGITAL-TO-ANALOG CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2702E/2K Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM2702E/2K Datasheet HTML 8Page - Texas Instruments PCM2702E/2K Datasheet HTML 9Page - Texas Instruments PCM2702E/2K Datasheet HTML 10Page - Texas Instruments PCM2702E/2K Datasheet HTML 11Page - Texas Instruments PCM2702E/2K Datasheet HTML 12Page - Texas Instruments PCM2702E/2K Datasheet HTML 13Page - Texas Instruments PCM2702E/2K Datasheet HTML 14Page - Texas Instruments PCM2702E/2K Datasheet HTML 15Page - Texas Instruments PCM2702E/2K Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
PCM2702
12
SBAS142A
www.ti.com
XTI
V
DDC
DGNDC
V
DD
DGND
D+
D–
V
BUS
DGNDU
PLYBCK
SSPND
ZERO
TEST3
TEST2
XTO
V
CCP
AGNDP
V
CCL
AGNDL
V
OUTL
V
CC
V
COM
AGND
V
OUTR
AGNDR
V
CCR
TEST0
TEST1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PCM2702
R
2
R
3
R
4
X
1
12MHz
C
2
C
1
C
3
+3.3V
+5V
C
4
C
6
C
8
C
7
C
5
USB Series
“B” Connector
POST
LPF
L-Channel
POST
LPF
R-Channel
+
NOTE: C
1, C2: 10pF to 33pF (depending on Crystal Resonator); C3 ,C4: 0.1µF 1-100µF; C5 to C8: 0.1µF Ceramic each and two
1
µF to 100µF for 5V and 3.3V; C
9: 10µF; R1: 1.5kΩ; R2, R3: 22Ω; R4: 1MΩ; X1: Crystal Resonator (fundamental mode, parallel resonant).
C
9
FIGURE 7. Typical Connection Diagram.
DATE
REVISION
PAGE
SECTION
DESCRIPTION
——
Updated front page format.
11
Operating Environment
Added section and reference to SLAA374.
Revision History
11/07
A
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com