Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2702E/2K Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM2702E/2K
Description  DIGITAL-TO-ANALOG CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2702E/2K Datasheet(HTML) 5 Page - Texas Instruments

  PCM2702E/2K Datasheet HTML 1Page - Texas Instruments PCM2702E/2K Datasheet HTML 2Page - Texas Instruments PCM2702E/2K Datasheet HTML 3Page - Texas Instruments PCM2702E/2K Datasheet HTML 4Page - Texas Instruments PCM2702E/2K Datasheet HTML 5Page - Texas Instruments PCM2702E/2K Datasheet HTML 6Page - Texas Instruments PCM2702E/2K Datasheet HTML 7Page - Texas Instruments PCM2702E/2K Datasheet HTML 8Page - Texas Instruments PCM2702E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
PCM2702
5
SBAS142A
www.ti.com
TYPICAL CHARACTERISTICS
All specifications at TA = +25°C, VCC = VCCL = VCCR = VCCP = 5.0V, VDD = VDDC = 3.3V, fS = 44.1MHz, signal frequency = 1kHz and 16-bit data, unless
otherwise specified.
FREQUENCY RESPONSE
Frequency (x f
S)
1
1.5
2
2.5
3
3.5
4
0.5
0
0
–20
–40
–60
–80
–100
–120
–140
–160
PASSBAND RIPPLE
Frequency (x f
S)
0.2
0.3
0.4
0.5
0.1
0
0.003
0.002
0.001
0
–0.001
–0.002
–0.003
ANALOG FILTER PERFORMANCE (100MHz-10Hz)
Frequency (Hz)
10k
100k
1M
10M
1k
100
10
0
–10
–20
–30
–40
–50
–60
ANALOG FILTER PERFORMANCE (100MHz-1MHz)
Frequency (Hz)
10k
100k
1M
1k
100
1
0
–1
–2
–3
–4
–5
–6
DIGITAL FILTER PERFORMANCE
ANALOG FILTER PERFORMANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com