Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2702E/2K Datasheet(PDF) 9 Page - Texas Instruments

Part # PCM2702E/2K
Description  DIGITAL-TO-ANALOG CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2702E/2K Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM2702E/2K Datasheet HTML 5Page - Texas Instruments PCM2702E/2K Datasheet HTML 6Page - Texas Instruments PCM2702E/2K Datasheet HTML 7Page - Texas Instruments PCM2702E/2K Datasheet HTML 8Page - Texas Instruments PCM2702E/2K Datasheet HTML 9Page - Texas Instruments PCM2702E/2K Datasheet HTML 10Page - Texas Instruments PCM2702E/2K Datasheet HTML 11Page - Texas Instruments PCM2702E/2K Datasheet HTML 12Page - Texas Instruments PCM2702E/2K Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
PCM2702
9
SBAS142A
www.ti.com
FIGURE 2. 12MHz Crystal Resonator Connection.
CLOCK AND RESET
The PCM2702 requires a 12MHz (
±500ppm) clock for USB
and audio functions, which may be generated by an on-chip
crystal oscillator with external 12MHz crystal resonator, or
supplied by an external clock applied at XTI (pin1).
The 12MHz crystal resonator must be connected to XTI (pin
1) and XTO (pin 28), along with a 1M
Ω resistor and two
small capacitors (value is dependent upon the specified load
capacitance of the crystal resonator). If an external clock is
used, the clock must be supplied at XTI, and XTO must be
left open. The clock signal applied at XTI must be +3.3V
logic level, as this input is not +5V tolerant. Figures 2 and
3 illustrate the circuit connections required for crystal and
external clock options.
The PCM2702 includes an internal power-on reset circuit,
which automatically initializes digital logic when VDD ex-
ceeds 2.0V typical (range: 1.6V to 2.4V). Initialization
requires approximately 350
µs for completion. The V
DD
supply must rise to 2.0V within 10ms for proper power-on
sequence operation.
INTERFACE SEQUENCE
Power-on, Attach, and Playback Sequence
The PCM2702 is ready for setup when the reset sequence
has finished and the USB bus is connected. After connec-
tion is established, the PCM2702 is ready to accept USB
audio data. While waiting for audio data (idle state), the
analog outputs are set to bipolar zero (BPZ) and the zero
flag, ZERO (pin 12), is set to HIGH.
When receiving the audio data, the PCM2702 stores the first
audio packet, which contains 1ms of audio data, into an
internal storage buffer. The PCM2702 starts playing the
audio data upon detection of the Start of Frame (SOF)
packet.
See Figures 4 and 5 for the normal operation sequence.
FIGURE 3. External 12MHz Clock Input Connection.
1
28
XTAL
12MHz
1M
Ω
XTI
XTO
1
28
12MHz External Clock
Must Be Left Open
XTI
XTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com