Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM2702E/2K Datasheet(PDF) 10 Page - Texas Instruments

Part # PCM2702E/2K
Description  DIGITAL-TO-ANALOG CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM2702E/2K Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM2702E/2K Datasheet HTML 6Page - Texas Instruments PCM2702E/2K Datasheet HTML 7Page - Texas Instruments PCM2702E/2K Datasheet HTML 8Page - Texas Instruments PCM2702E/2K Datasheet HTML 9Page - Texas Instruments PCM2702E/2K Datasheet HTML 10Page - Texas Instruments PCM2702E/2K Datasheet HTML 11Page - Texas Instruments PCM2702E/2K Datasheet HTML 12Page - Texas Instruments PCM2702E/2K Datasheet HTML 13Page - Texas Instruments PCM2702E/2K Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
PCM2702
10
SBAS142A
www.ti.com
Ready for Setup
Ready for Playback
Attach (connect to USB bus)
Device Setup
1ms
23ms
(1024/f
S)
1ms
10ms
SOF
SOF
SOF
SOF
2nd Audio Data
1st Audio Data
1st SOF
V
DD
0V
V
BUS
D+/D–
PLYBCK
SSPND
ZERO
V
OUTL
V
OUTR
2.0V (1.6 to 2.4V)
350
µs
Internal
Reset
Ready for Setup
Ready for Playback
Device Setup
1ms
23ms
(1024/f
S)
1ms
SOF
SOF
SOF
SOF
2nd Audio Data
1st Audio Data
1st SOF
V
DD
0V
V
BUS
D+/D–
PLYBCK
SSPND
ZERO
V
OUTL
V
OUTR
2.0V (1.6 to 2.4V)
350
µs
Internal
Reset
Attach (connect to USB bus)
10ms
FIGURE 4. Connecting the PCM2702 to the USB Bus After Power-On.
FIGURE 5. Connecting the PCM2702 to the USB Bus Prior to Power-On.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com