Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3501E/2K Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3501E/2K
Description  VOICE/MODEM CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3501E/2K Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM3501E/2K Datasheet HTML 12Page - Texas Instruments PCM3501E/2K Datasheet HTML 13Page - Texas Instruments PCM3501E/2K Datasheet HTML 14Page - Texas Instruments PCM3501E/2K Datasheet HTML 15Page - Texas Instruments PCM3501E/2K Datasheet HTML 16Page - Texas Instruments PCM3501E/2K Datasheet HTML 17Page - Texas Instruments PCM3501E/2K Datasheet HTML 18Page - Texas Instruments PCM3501E/2K Datasheet HTML 19Page - Texas Instruments PCM3501E/2K Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
®
16
PCM3501
SYNCHRONIZATION REQUIREMENTS
The PCM3501 requires that FS and BCK be synchronous
with the system clock. Internal circuitry is included to detect
a loss of synchronization between FS and the system clock
input. If the phase relationship between FS and the system
clock varies more than
± 1.5 BCK periods, the PCM3501
will detect a loss of synchronization. Upon detection, the
DAC output is forced to 0.5VCC and the DOUT pin is forced
to a high impedance state. This occurs within one sampling
clock (FS) period of initial detection. Figure 10 shows the
loss of synchronization operation and the DAC and ADC
output delays associated with it.
TIME SLOT OPERATION
The PCM3501 serial interface supports Time Division
Multiplexing (TDM) using the Time Slot Mode. Up to four
PCM3501s may be connected on the same 4-wire serial
interface bus. This is useful for system applications that
require multiple modem or voice channels. Figure 11 shows
examples of Time Slot Mode connections.
Time Slot Mode defines a 64-bit long frame, composed of
four time slots. Each slot is 16 bits long and corresponds to
one of four CODECs. The FS pin on the first PCM3501
(CODEC A, Slot 0) is used as the master frame sync, and
operates at the sampling frequency, fS. The bit clock, BCK,
operates at 64fS. DIN and DOUT of each CODEC also
operate at 64fS. Figure 12 shows the operation of the Time
Slot Mode.
Time Slot operation is enabled or disabled using the TSC
input (pin 7). The state of the TSC pin is updated at power-
on reset, or on the rising edge of PWDN input (if using
external reset or power-down mode). A forced reset is
required when changing from Slave to Master Mode, or visa
versa, in real time.
FIGURE 10. Loss of Synchronization Operation and Timing.
FIGURE 11. Time Slot Mode Connections.
Synchronous
Asynchronous
Synchronization
Lost
Resynchronization
within
1/f
S
Synchronous
Normal
Normal
t
ADCDLY2 (32/fS)
t
DACDLY2 (32/fS)
V
COM
(0.5 V
CC)
V
COM
(0.5 V
CC)
State of
Synchronization
DAC V
OUT
Normal
Normal(1)
High Impedance
ADC DOUT
NOTE: (1) The HPF transient response (exponentially attenuated signal from
±0.2% DC of FSR
with 200ms time constant) appears initially.
Undefined Data
Undefined Data
V
DD
V
DD
Controller
GND
V
DD
SCKIO
XTI
XTO
FS
BCK
DIN
DOUT
FSO
M/S
TSC
PCM3501
(CODEC B, Slot 1)
PCM3501
(CODEC A, Slot 0)
To Two PCM3500s
SCKIO
XTI
XTO
FS
BCK
DIN
DOUT
FSO
M/S
TSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com