Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3501E/2K Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3501E/2K
Description  VOICE/MODEM CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3501E/2K Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM3501E/2K Datasheet HTML 18Page - Texas Instruments PCM3501E/2K Datasheet HTML 19Page - Texas Instruments PCM3501E/2K Datasheet HTML 20Page - Texas Instruments PCM3501E/2K Datasheet HTML 21Page - Texas Instruments PCM3501E/2K Datasheet HTML 22Page - Texas Instruments PCM3501E/2K Datasheet HTML 23Page - Texas Instruments PCM3501E/2K Datasheet HTML 24Page - Texas Instruments PCM3501E/2K Datasheet HTML 25Page - Texas Instruments PCM3501E/2K Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
®
22
PCM3501
OUTPUT FILTER CIRCUITS FOR THE DAC
The PCM3501’s DAC uses delta-sigma conversion tech-
niques. It uses oversampling and noise shaping to improve
in-band (f = fS/2) signal-to-noise performance at the expense
of increased out-of-band noise. The DAC output must be
low-pass filtered to attenuate the out-of-band noise to a
reasonable level.
The PCM3501 includes a low-pass filter in the on-chip
output amplifier circuit. The frequency response for this
filter is shown in Figure 20. Although this filter helps to
lower the out-of-band noise, it is not adequate for many
applications. This is especially true for applications where
the sampling frequency is below 16kHz, since the out-of-
band noise above fS/2 is in the audio spectrum. An external
filter circuit, either passive or active, is required to provide
additional attenuation of the out-of-band noise. The low-
pass filter order will be dependent upon the out-of-band
noise requirements for a particular system. Generally, a 2nd-
order or better low-pass circuit will be required, with the
cut-off frequency set to fS/2 or less.
Burr-Brown Application Bulletin AB-034 provides infor-
mation for designing both Multiple Feedback and Sallen-
Key active filter circuits using software available from Burr-
Brown’s web site. Another excellent reference for both
passive and active filter design is the “Electronic Filter
Design Handbook, Third Edition” by Williams and Taylor,
published by McGraw-Hill.
ON-CHIP ANALOG FRONT END FOR THE ADC
The PCM3501 A/D converter includes a fully differential
input delta-sigma modulator. In order to simplify external
circuitry, an analog front end (AFE) circuit has been in-
cluded on the PCM3501 just prior to the modulator. The
AFE circuit is shown in Figure 21.
FIGURE 20. DAC Output Amplifier Filter Response.
FIGURE 21. On-Chip AFE Circuit for the ADC.
OUTPUT FILTER
STOPBAND FREQUENCY RESPONSE
Frequency (Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
100
1k
10k
100k
1M
10M
OUTPUT FILTER
PASSBAND FREQUENCY RESPONSE
Frequency (Hz)
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–1.0
100
10
1
1k
10k
100k
50k
Ω
V
IN+
4
1
2
3
V
COM
V
REF1
V
REF2
Delta-Sigma
Modulator
(+)
(–)
Reference
+
+
0.1
µF
+
+
V
IN–
+
0.1
µF
5
1
µF
1
µF
50k
Ω
1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com