Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3501E/2K Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3501E/2K
Description  VOICE/MODEM CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3501E/2K Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM3501E/2K Datasheet HTML 8Page - Texas Instruments PCM3501E/2K Datasheet HTML 9Page - Texas Instruments PCM3501E/2K Datasheet HTML 10Page - Texas Instruments PCM3501E/2K Datasheet HTML 11Page - Texas Instruments PCM3501E/2K Datasheet HTML 12Page - Texas Instruments PCM3501E/2K Datasheet HTML 13Page - Texas Instruments PCM3501E/2K Datasheet HTML 14Page - Texas Instruments PCM3501E/2K Datasheet HTML 15Page - Texas Instruments PCM3501E/2K Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
®
12
PCM3501
SYSTEM CLOCK AND RESET/
POWER DOWN
SYSTEM CLOCK INPUT AND OUTPUT
The PCM3501 requires a system clock for operating the
digital filters and delta-sigma data converters.
The system clock may be supplied from an external master
clock or generated using the on-chip crystal oscillator cir-
cuit. Figure 1 shows the required connections for external
and crystal clock operation. The system clock must operate
at 512 times the sampling frequency, fS, with sampling
frequencies from 7.2kHz to 26kHz. This gives an effective
system clock frequency range of 3.6864MHz to 13.312MHz.
Table I shows system clock frequencies for common sam-
pling frequencies.
For external clock operation, XTI (pin 17) or SCKIO (pin 15)
is driven by a master clock source. If SCKIO is used as the
system clock input, then XTI must be connected to ground.
SAMPLING FREQUENCY (kHz)
SYSTEM CLOCK FREQUENCY (MHz)
8
4.096
11.025
5.6448
16
8.192
22.05
11.2896
24
12.288
TABLE I. System Clock Frequencies for Common Sam-
pling Frequencies.
FIGURE 1. System Clock Generation.
For either case, XTO (pin 16) should be left open. The system
clock source should be free of noise and exhibit low phase
jitter in order to obtain optimal dynamic performance from
the PCM3501. Figure 2 shows the system clock timing
requirements associated with an external master clock.
For crystal oscillator operation, a crystal is connected be-
tween XTI (pin 17) and XTO (pin 16), along with the
necessary load capacitors (10pF to 33pF per pin, as shown
in Figure 1). A fundamental-mode, parallel resonant crystal
is required.
FIGURE 2. External System Clock Timing Requirements.
System Clock Pulse Width HIGH t
CLKIH
20ns (min)
System Clock Pulse Width LOW
t
CLKIL
20ns (min)
t
CLKIH
t
CLKIL
1/512f
S
0.7V
DD
"H"
XTI
or
SCKIO
"L"
0.3V
DD
C
1
C
2
C
1, C2 = 10pF to 33pF
XTI
R
Crystal
XTO
PCM3501
SCKIO
CRYSTAL RESONATOR
CONNECTION
External
Clock
External
Clock
XTI
XTO
R
PCM3501
EXTERNAL CLOCK INPUT-XTI
(XTO must be open)
SCKIO
XTI
XTO
R
PCM3501
EXTERNAL CLOCK INPUT-SCKIO
(XTO must be open)
SCKIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com