Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3501E/2K Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3501E/2K
Description  VOICE/MODEM CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3501E/2K Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM3501E/2K Datasheet HTML 2Page - Texas Instruments PCM3501E/2K Datasheet HTML 3Page - Texas Instruments PCM3501E/2K Datasheet HTML 4Page - Texas Instruments PCM3501E/2K Datasheet HTML 5Page - Texas Instruments PCM3501E/2K Datasheet HTML 6Page - Texas Instruments PCM3501E/2K Datasheet HTML 7Page - Texas Instruments PCM3501E/2K Datasheet HTML 8Page - Texas Instruments PCM3501E/2K Datasheet HTML 9Page - Texas Instruments PCM3501E/2K Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
®
6
PCM3501
TYPICAL PERFORMANCE CURVES (Cont.)
TA = +25°C, VCC = VDD = +3.3V, fS = 8kHz, and fSIGNAL = 1kHz, unless otherwise specified.
DAC OUTPUT SPECTRUM (–0dB, N = 8192)
Frequency (kHz)
0
–20
–40
–60
–80
–100
–120
–140
12
3
4
0
DAC OUTPUT SPECTRUM (–60dB, N = 8192)
Frequency (kHz)
0
–20
–40
–60
–80
–100
–120
–140
12
3
4
0
DAC OUT-OF-BAND NOISE SPECTRUM
(BPZ, N = 2048)
Frequency (kHz)
0
–20
–40
–60
–80
–100
–120
–140
8
16
24
32
404856
64
0
DAC SECTION
DAC OUTPUT SPECTRA
TOTAL HARMONIC DISTORTION + NOISE
vs SIGNAL LEVEL
Signal Level (dB)
0
–20
–40
–60
–80
–100
–84
–72
–60
–48
–36
–24
–12
0
–96
THD+N fluctuates with signal level
as harmonics are limited to second
and third components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com