Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3501E/2K Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3501E/2K
Description  VOICE/MODEM CODEC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3501E/2K Datasheet(HTML) 1 Page - Texas Instruments

  PCM3501E/2K Datasheet HTML 1Page - Texas Instruments PCM3501E/2K Datasheet HTML 2Page - Texas Instruments PCM3501E/2K Datasheet HTML 3Page - Texas Instruments PCM3501E/2K Datasheet HTML 4Page - Texas Instruments PCM3501E/2K Datasheet HTML 5Page - Texas Instruments PCM3501E/2K Datasheet HTML 6Page - Texas Instruments PCM3501E/2K Datasheet HTML 7Page - Texas Instruments PCM3501E/2K Datasheet HTML 8Page - Texas Instruments PCM3501E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
®
1
PCM3501
FEATURES
q 16-BIT DELTA-SIGMA DAC AND ADC
q DIFFERENTIAL INPUT AND OUTPUT
q DESIGNED FOR MODEM ANALOG FRONT END:
Supports up to 56kbps Operation
q ANALOG PERFORMANCE:
Sampling Frequency: 7.2kHz to 26kHz
Dynamic Range: 88dB (typ) at fS = 8kHz, fIN = 1kHz
q SYSTEM CLOCK: 512f
S
q MASTER OR SLAVE OPERATION
q ON-CHIP CRYSTAL OSCILLATOR CIRCUIT
q ADC-TO-DAC LOOP-BACK MODE
q TIME SLOT MODE SUPPORTS UP TO
FOUR CODECs ON A SINGLE SERIAL
INTERFACE
DESCRIPTION
The PCM3501 is a low cost, 16-bit CODEC designed
for modem Analog Front End (AFE) and speech pro-
cessing applications. The PCM3500’s low power op-
eration from +2.7V to +3.6V power supplies, along
with an integrated power-down mode, make it ideal for
portable applications.
The PCM3501 integrates all of the functions needed for
a modem or voice CODEC, including delta-sigma
© 1999 Burr-Brown Corporation
PDS-1569A
Printed in U.S.A. December, 1999
PCM3501
®
Low Voltage, Low Power, 16-Bit, Mono
VOICE/MODEM CODEC
APPLICATIONS
q SOFTWARE MODEMS FOR:
Personal Digital Assistant
Notebook and Hand-Held PCs
Set-Top Box
Digital Television
Embedded Systems
q PORTABLE VOICE RECORDER/PLAYER
q SPEECH RECOGNITION/SYNTHESIS
q TELECONFERENCING PRODUCTS
TM
digital-to-analog and analog-to-digital converters, in-
put anti-aliasing filter, digital high-pass filter for DC
blocking, and an output low-pass filter. The synchro-
nous serial interface provides for a simple, or glue-free
interface to popular DSP and RISC processors. The
serial interface also supports Time Division Multiplex-
ing (TDM), allowing up to four CODECs to share a
single 4-wire serial bus.
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
q POWER-DOWN MODE: 60
µA (typ)
q SINGLE +2.7V TO +3.6V POWER SUPPLY
q SMALL PACKAGE: 24-Lead SSOP
PCM3501
Interpolation
Digital Filter
Mode Control
Decimation
Digital Filter
Reference
AAF
HPF
M/S
HPFD
TSC
XTI
XTO
LOOP
V
REF1
V
COM
V
REF2
V
IN+
V
IN–
PDWN
Power
DGND
AGND
V
DD
V
CC
Loop
FS
BCK
DIN
DOUT
FSO
SCKIO
Clock
Gen/
OSC
∆Σ
Modulator
(ADC)
∆Σ
Modulator
SMF
V
OUT+
V
OUT–
Multi-Level
DAC
SBAS137


Similar Part No. - PCM3501E/2K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3501E/2K TI2-PCM3501E/2K Datasheet
350Kb / 29P
Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
23-May-2025
PCM3501E/2K.B TI2-PCM3501E/2K.B Datasheet
350Kb / 29P
Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
23-May-2025
More results

Similar Description - PCM3501E/2K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UCB1510 PHILIPS-UCB1510 Datasheet
730Kb / 32P
AC97 digital modem codec
Rev. 01 - 4 February 2000
logo
Texas Instruments
TLC320AD535C-I TI-TLC320AD535C-I Datasheet
205Kb / 43P
DUAL CHANNEL VOICE/DATA CODEC
logo
Agere Systems
CSP1027 AGERE-CSP1027 Datasheet
937Kb / 64P
CSP1027 Voice Band Codec for Cellular Handset and Modem Applications
logo
Burr-Brown (TI)
PCM3501 BURR-BROWN-PCM3501 Datasheet
182Kb / 24P
Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Texas Instruments
PCM3500 TI-PCM3500 Datasheet
218Kb / 26P
Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
List of Unclassifed Man...
TTC-50231 ETC2-TTC-50231 Datasheet
640Kb / 4P
Voice/Modem Line Transformers
logo
CML Microcircuits
FX709 CMLMICRO-FX709 Datasheet
371Kb / 12P
VOICE STORE RETRIEVE CVSD CODEC
logo
Analog Devices
AD1803 AD-AD1803_15 Datasheet
5Mb / 32P
Modem/Telephony Codec
REV. A
logo
Texas Instruments
PCM3500 TI1-PCM3500_08 Datasheet
401Kb / 30P
VOICE/MODEM CODEC
logo
IXYS Corporation
CPC5750 IXYS-CPC5750 Datasheet
467Kb / 37P
Single-Channel Voice Band CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com