Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2022MA/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2022MA/NOPB
Description  Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2022MA/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMP2022MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 17Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 20Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
10
100
1k
10k
3 dB FILTER BANDWIDTH (Hz)
0.01
0.1
1
10
AV = 60 dB
AV = 40 dB
2-Stage Filter
18
LMP2021, LMP2022
SNOSAY9G – SEPTEMBER 2008 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LMP2021 LMP2022
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Application Information (continued)
Using the circuit in Figure 38 has the advantage of removing the non-linear filter bandwidth dependency which is
seen when the circuit in Figure 37 is used. The difference in noise performance of the circuits in Figure 37 and
Figure 38 becomes apparent only at higher gains. At voltage gains of 10 V/V or less, there is no difference
between the noise performance of the two circuits.
Figure 39. RMS Input Referred Noise vs. Frequency
Figure 39 shows the total input referred noise vs. 3 dB corner of both filters of Figure 37 and Figure 38 at gains
of 100V/V and 1000V/V. For these measurements and using Figure 37's circuit, RF = 49.7 kΩ and RIN = 497Ω.
Value of CF has been changed to achieve the desired 3 dB filter corner frequency. In the case of Figure 38's
circuit, RF = 49.7 kΩ and RIN = 497Ω, RFILT = 49.7 kΩ, and CFILT has been changed to achieve the desired 3 dB
filter corner frequency. Figure 39 compares the RMS noise of these two circuits. As Figure 39 shows, the RMS
noise measured the circuit in Figure 38 has lower values and also depicts a more linear shape.
8.1.2 Input Bias Current
The bias current of the LMP202x behaves differently than a conventional amplifier due to the dynamic transient
currents created on the input of an auto-zero circuit. The input bias current is affected by the charge and
discharge current of the input auto-zero circuit. This effectivly creates a repetitive impulse current noise of 100's
of pA. For this reason, the LMP202x is not recommeded for source impedances of 1 M
Ω or greater.
The amount of current sunk or sourced from that stage is dependent on the combination of input impedance
(resistance and capacitance), as well as the balance and matching of these impedances across the two inputs.
This current, integrated by the input capacitence, causes a shift in the apparent "bias current". Because of this,
there is an apparent "bias current vs. input impedance" interaction. In the LMP202x for an input resistive
impedance of 1 G
Ω, the shift in input bias current can be up to 40 pA. This input bias shift is caused by varying
the input's capacitive impedance. Since the input bias current is dependent on the input impedance, it is difficult
to estimate what the actual bias current is without knowing the end circuit and associated capacitive strays.
Figure 40 shows the input bias current of the LMP202x and that of another commercially available amplifier from
a competitor. As it can be seen, the shift in LMP202x bias current is much lower than that of other chopper style
or auto zero amplifiers available from other vendors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com