Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2022MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2022MA/NOPB
Description  Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2022MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP2022MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP2022MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
10 Ps/DIV
VS = 2.5V
AV = +1
VIN = 1 VPP
f = 10 kHz
RL = 10 k:
CL = 20 pF
10 Ps/DIV
VS = 2.5V
AV = +1
VIN = 100 mVPP
f = 10 kHz
RL = 10 k:
CL = 20 pF
2 Ps/DIV
|
|
VS = 5V
AV = -50 V/V
RL = 10 k:
10 Ps/DIV
|
|
VS = 5V
AV = -50 V/V
RL = 10 k:
2
2.5
3
3.5
4
4.5
5
SUPPLY VOLTAGE (V)
0
40
80
120
160
200
5.5
RL = 10 k:
125°C
85°C
25°C
-40°C
2
2.5
3
3.5
4
4.5
5
SUPPLY VOLTAGE (V)
0
20
40
60
80
100
120
5.5
RL = 10 k:
125°C
85°C
25°C
-40°C
13
LMP2021, LMP2022
www.ti.com
SNOSAY9G – SEPTEMBER 2008 – REVISED FEBRUARY 2016
Product Folder Links: LMP2021 LMP2022
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise noted: TA = 25°C, RL > 10 kΩ, VS= V
+ – V–, V
S= 5 V, VCM = VS/2.
Figure 25. Output Swing High vs. Supply Voltage
Figure 26. Output Swing Low vs. Supply Voltage
Figure 27. Overload Recovery Time
Figure 28. Overload Recovery Time
Figure 29. Large Signal Step Response
Figure 30. Small Signal Step Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com